Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA903D Datasheet(PDF) 51 Page - STMicroelectronics

Part # FDA903D
Description  1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903D Datasheet(HTML) 51 Page - STMicroelectronics

Back Button FDA903D Datasheet HTML 47Page - STMicroelectronics FDA903D Datasheet HTML 48Page - STMicroelectronics FDA903D Datasheet HTML 49Page - STMicroelectronics FDA903D Datasheet HTML 50Page - STMicroelectronics FDA903D Datasheet HTML 51Page - STMicroelectronics FDA903D Datasheet HTML 52Page - STMicroelectronics FDA903D Datasheet HTML 53Page - STMicroelectronics FDA903D Datasheet HTML 54Page - STMicroelectronics FDA903D Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
DocID031502 Rev 2
51/82
FDA903D
Additional features
81
12.4
Real time load current monitoring
FDA903D provides the current sensing function, an innovative feature for real time load
monitoring. The continuous load monitoring enables many applications that could check,
control and optimize the speakers operation for their entire life.
The current sensing circuit is the basis for the following diagnostic features: DC Diagnostic,
Open Load in Play Detector and Output Current Offset Detector.
When the user enables the real time load current monitoring, the data collected by the
current sensing circuit is also properly processed and directly provided to the user through
I2S bus.
The overall current sensing path is shown in Figure 63:
Figure 63. Current sensing path
In particular, the output data represents the following current: ICS=(IOUTP-IOUTM)/2.
12.4.1
Result communication and I2C control
In order to enable the real time load current monitoring, the user must set IB8[3-1]='011'.
The default current sensing full scale is 8 A, but it can be configured through IB8[7,6].
The current sensing stream is provided on I2Stest pin according to the following
instructions:
The data stream matches the same timings of I2S clock and I2S word select, according
to the configuration set trough IB0[5-1] and IB1[7-5]. The feature is available both in I2S
and in TDM mode, guaranteeing the maximum flexibility.
The I2Stest pin data could be generated on the I2S clock rising or on falling edge. The
selection is possible properly setting IB7[1], thus adapting to user system
requirements.
Each word is composed of 15 significant bits, placed in the 15 MSB of the 32-bits word
marked by I2S word select slot. The words are coded with two's complement notation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com