Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA903D Datasheet(PDF) 66 Page - STMicroelectronics

Part # FDA903D
Description  1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903D Datasheet(HTML) 66 Page - STMicroelectronics

Back Button FDA903D Datasheet HTML 62Page - STMicroelectronics FDA903D Datasheet HTML 63Page - STMicroelectronics FDA903D Datasheet HTML 64Page - STMicroelectronics FDA903D Datasheet HTML 65Page - STMicroelectronics FDA903D Datasheet HTML 66Page - STMicroelectronics FDA903D Datasheet HTML 67Page - STMicroelectronics FDA903D Datasheet HTML 68Page - STMicroelectronics FDA903D Datasheet HTML 69Page - STMicroelectronics FDA903D Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 82 page
background image
I2C register
FDA903D
66/82
DocID031502 Rev 2
Table 15. IB2-ADDR: “I0000010”
Data bit
Default value
Definition
D7-D6
00
"DiagShort2Supply" timing selection:
D7-D6 Timing
00
90 ms
01
70 ms
10
45 ms
11
20 ms
D5
0
Reserved
D4
0
0 - Low radiation function OFF
1 - Low radiation function ON
D3 - D0
0000
Power limiting Function configuration
D3-D0 Power limiting Config
0000
Power limiter disabled
0001
Power limited with maximum voltage scale at 15%
0010
Power limited with maximum voltage scale at 20%
0011
Power limited with maximum voltage scale at 25%
0100
Power limited with maximum voltage scale at 30%
0101
Power limited with maximum voltage scale at 35%
0110
Power limited with maximum voltage scale at 40%
0111
Power limited with maximum voltage scale at 45%
1000
Power limited with maximum voltage scale at 50%
1001
Power limited with maximum voltage scale at 60%
1010
Power limited with maximum voltage scale at 70%
1011
Power limited with maximum voltage scale at 80%
1100
Reserved
1101
Reserved
1110
Reserved
1111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com