Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA903D Datasheet(PDF) 6 Page - STMicroelectronics

Part # FDA903D
Description  1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button FDA903D Datasheet HTML 2Page - STMicroelectronics FDA903D Datasheet HTML 3Page - STMicroelectronics FDA903D Datasheet HTML 4Page - STMicroelectronics FDA903D Datasheet HTML 5Page - STMicroelectronics FDA903D Datasheet HTML 6Page - STMicroelectronics FDA903D Datasheet HTML 7Page - STMicroelectronics FDA903D Datasheet HTML 8Page - STMicroelectronics FDA903D Datasheet HTML 9Page - STMicroelectronics FDA903D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
List of figures
FDA903D
6/82
DocID031502 Rev 2
List of figures
Figure 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 2.
Pins connection diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 3.
Application diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 4.
Efficiency and power dissipation (Vs = 14.4 V, RL = 1 x 4 Ω, f = 1 kHz sine wave) . . . . . . 17
Figure 5.
Efficiency and power dissipation (Vs = 14.4 V, RL = 1 x 4 Ω, f = 1 kHz pink noise) . . . . . . 17
Figure 6.
Efficiency and power dissipation (Vs = 14.4 V, RL = 1 x 2 Ω, f = 1 kHz sine wave) . . . . . . 17
Figure 7.
Efficiency and power dissipation (Vs = 14.4 V, RL = 1 x 2 Ω, f = 1 kHz pink noise) . . . . . . 17
Figure 8.
Efficiency and power dissipation (Vs = 14.4 V, RL = 1 x 8 Ω, f = 1 kHz sine wave) . . . . . . 17
Figure 9.
Efficiency and power dissipation (Vs = 14.4 V, RL = 1 x 8 Ω, f = 1 kHz pink noise) . . . . . . 17
Figure 10.
Efficiency and power dissipation (Vs = 18 V, RL = 1 x 4 Ω, f = 1 kHz sine wave). . . . . . . . 18
Figure 11.
Efficiency and power dissipation (Vs = 18 V, RL = 1 x 4 Ω, f = 1 kHz pink noise). . . . . . . . 18
Figure 12.
Efficiency and power dissipation (Vs = 16 V, RL = 1 x 2 Ω, f = 1 kHz sine wave) . . . . . . . 18
Figure 13.
Efficiency and power dissipation (Vs = 16 V, RL = 1 x 2 Ω, f = 1 kHz pink noise). . . . . . . . 18
Figure 14.
Efficiency and power dissipation (Vs = 18 V, RL = 1 x 8 Ω, f = 1 kHz sine wave). . . . . . . . 18
Figure 15.
Efficiency and power dissipation (Vs = 18 V, RL = 1 x 8 Ω, f = 1 kHz pink noise). . . . . . . . 18
Figure 16.
Efficiency and power dissipation (Vs = 3.3 V, RL = 1 x 4 Ω, f = 1 kHz sine wave) . . . . . . . 19
Figure 17.
Efficiency and power dissipation (Vs = 3.3 V, RL = 1 x 4 Ω, f = 1 kHz pink noise) . . . . . . . 19
Figure 18.
Efficiency and power dissipation (Vs = 3.3 V, RL = 1 x 2 Ω, f = 1 kHz sine wave) . . . . . . . 19
Figure 19.
Efficiency and power dissipation (Vs = 3.3 V, RL = 1 x 2 Ω, f = 1 kHz pink noise) . . . . . . . 19
Figure 20.
Efficiency and power dissipation (Vs = 3.3 V, RL = 1 x 8 Ω, f = 1 kHz sine wave) . . . . . . . 19
Figure 21.
Efficiency and power dissipation (Vs = 3.3 V, RL = 1 x 8 Ω, f = 1 kHz pink noise) . . . . . . . 19
Figure 22.
Output power vs. supply voltage (RL = 4 Ω, sine wave) . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 23.
Output power vs. supply voltage (RL = 2 Ω, sine wave) . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 24.
Output power vs. supply voltage (RL = 8 Ω, sine wave) . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 25.
THD vs. output power (VS = 14.4 V, RL = 4 Ω). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 26.
THD vs. output power (VS = 14.4 V, RL = 2 Ω). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 27.
THD vs. output power (VS = 14.4 V, RL = 8 Ω). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 28.
THD vs. frequency (VS = 14.4 V, RL = 4 Ω, PO = 1 W). . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 29.
THD vs. frequency (VS = 14.4 V, RL = 2 Ω, PO = 1 W). . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 30.
THD vs. frequency (VS = 14.4 V, RL = 8 Ω, PO = 1 W). . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 31.
Frequency response (1 W, RL = 4 Ω, f = 1 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 32.
Frequency response (1 W, RL = 2 Ω, f = 1 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 33.
Frequency response (1 W, RL = 8 Ω, f = 1 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 34.
PSRR vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 35.
Quiescent current vs. supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
Figure 36.
Dynamic range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 37.
FFT - Output spectrum (-60 dBFS input signal) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 38.
Finite state machine diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 39.
Operation vs. battery charge. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 40.
Analog-Mute diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 41.
Digital-Mute diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 42.
Mixed mute diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 43.
Analog-Mute vs. Mixed-Mute . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 44.
HWMute pin schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 45.
Response obtained with a limitation corresponding to 80% of the full-scale . . . . . . . . . . . 35
Figure 46.
Load range detection configured properly setting IB5 d7-d6 . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 47.
DC diagnostic before turn on . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 48.
Short to VCC at device turn on . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com