Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA903D Datasheet(PDF) 67 Page - STMicroelectronics

Part # FDA903D
Description  1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903D Datasheet(HTML) 67 Page - STMicroelectronics

Back Button FDA903D Datasheet HTML 63Page - STMicroelectronics FDA903D Datasheet HTML 64Page - STMicroelectronics FDA903D Datasheet HTML 65Page - STMicroelectronics FDA903D Datasheet HTML 66Page - STMicroelectronics FDA903D Datasheet HTML 67Page - STMicroelectronics FDA903D Datasheet HTML 68Page - STMicroelectronics FDA903D Datasheet HTML 69Page - STMicroelectronics FDA903D Datasheet HTML 70Page - STMicroelectronics FDA903D Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
DocID031502 Rev 2
67/82
FDA903D
I2C register
81
Table 16. IB3-ADDR: “I0000011”
Data bit
Default value
Definition
D7 - D7
0
Reserved
D5
0
0 - Output Voltage offset detector disable
1 - Output Voltage offset detector enable
D4
0
0 - Input offset detector disable
1 - Input offset detector enable
D3
0
0 - Output Current offset / hot spot detector disable
1 - Output Current offset / hot spot detector enable
D2
0
0 - No Highpass in the DAC
1 - Highpass in the DAC
D1
0
0 - Noise gating enable
1 - Noise gating disable
D0
0
0 - Open Load detection in play disable
1 - Open Load detection in play enable
Table 17. IB4-ADDR: “I0000100” - CDDiag pin configuration
Data bit
Default value
Definition
D7
0
0 - No Output Voltage offset information on CDDiag pin
1 - Output Voltage offset information on CDDiag pin
D6-D4
00
Temperature warning information on CD/DIAG pin:
D6-D4 CDDiag configuration
000
No thermal warning
001
TW1
010
TW2
011
TW3
100
TW4
101
Reserved
110
Reserved
111
Reserved
D3
0
0 - No Overcurrent information on CD/DIAG pin
1 - Overcurrent information on CD/DIAG pin
D2
0
0 - No Input Offset information on CD/DIAG pin
1 - Input Offset information on CD/DIAG pin
D1
0
0 - No Short to Vcc / Short to GND information on CD/DIAG pin
1 - Short to Vcc / Short to GND information on CD/DIAG pin
D0
0
0 - No High Voltage Mute information on CD/Diag pin
1 - High Voltage Mute information on CD/Diag pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com