Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA903D Datasheet(PDF) 71 Page - STMicroelectronics

Part # FDA903D
Description  1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903D Datasheet(HTML) 71 Page - STMicroelectronics

Back Button FDA903D Datasheet HTML 67Page - STMicroelectronics FDA903D Datasheet HTML 68Page - STMicroelectronics FDA903D Datasheet HTML 69Page - STMicroelectronics FDA903D Datasheet HTML 70Page - STMicroelectronics FDA903D Datasheet HTML 71Page - STMicroelectronics FDA903D Datasheet HTML 72Page - STMicroelectronics FDA903D Datasheet HTML 73Page - STMicroelectronics FDA903D Datasheet HTML 74Page - STMicroelectronics FDA903D Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 82 page
background image
DocID031502 Rev 2
71/82
FDA903D
I2C register
81
Table 23. IB10-ADDR: “I0001010”
Data bit
Default value
Definition
D7
0
Short load impedance threshold (DC Diagnostic):
0 - 0.75 Ω
1 - 0.5 Ω
D6
0
Open load impedance threshold (DC Diagnostic & Open load in play
detector):
0 - 25 Ω
1 - 15 Ω
D5
0
Reserved
D4-D3
10
Output Current Offset Detector threshold configuration
D3-D2
Offset Detector threshold
00
Reserved
01
0.25 A (i.e. 2 V with 8 Ω load)
10
0.5 A (i.e. 2 V with 4 Ω load)
11
1.0 A (i.e. 2 V with 2 Ω load)
D2-D0
000
Reserved
Table 24. IB11-ADDR: “I0001011”
Data bit
Default value
Definition
D7-D6
00
Reserved
D5-D4
0
Over current protection level selection:
D5
D4
Iprot VDD>5.4VIprot
VDD<5.4V
00
11A
6A
0
1
8A
6A
1
0
6A
4A
1
1
4A
4A
D3
0
0 - Deafult
1 - PWM Slow Slope
D2-D0
000
Reserved
Table 25. IB12-ADDR: “I0001100”
Data bit
Default value
Definition
D7
0
0 - Standard thermal warning
1 - Thermal warning shift -15 °C
D6-D0
0001000
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com