Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA903D Datasheet(PDF) 57 Page - STMicroelectronics

Part # FDA903D
Description  1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903D Datasheet(HTML) 57 Page - STMicroelectronics

Back Button FDA903D Datasheet HTML 53Page - STMicroelectronics FDA903D Datasheet HTML 54Page - STMicroelectronics FDA903D Datasheet HTML 55Page - STMicroelectronics FDA903D Datasheet HTML 56Page - STMicroelectronics FDA903D Datasheet HTML 57Page - STMicroelectronics FDA903D Datasheet HTML 58Page - STMicroelectronics FDA903D Datasheet HTML 59Page - STMicroelectronics FDA903D Datasheet HTML 60Page - STMicroelectronics FDA903D Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
DocID031502 Rev 2
57/82
FDA903D
I2S bus interface
81
13.5
Timing requirements
Figure 68. I2S Interface timings
Figure 69. I2S clock transition timings
Table 10. I2S Interface timings
Symbol
Parameter
Note
Min
Max
Unit
TSCK
I2S clock period
40.69
ns
I2S clock period tolerance
0.9 x TSCK 1.1 x TSCK
I2S clock duty cycle
40
60
%
TSCKH I2S clock high time
15
ns
TSCKL
I2S clock low time
15
ns
TSCKT
I2S clock transition time
6
ns
TDS
I2S data (and word select)
setup time (before I2S clock
rising edge)
8ns
TDH
I2S data (and word select)
hold time (after I2S clock rising
edge)
8ns
TWSH
I2S word select high time
I2S standard
32 x TSCK
TDM4 format
1 x TSCK
127 x TSCK
TDM8 format
1 x TSCK
255 x TSCK
TDM16 format
1 x TSCK
511 x TSCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com