Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9914 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9914
Description  All silicon automotive voltage regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9914 Datasheet(HTML) 5 Page - STMicroelectronics

  L9914 Datasheet HTML 1Page - STMicroelectronics L9914 Datasheet HTML 2Page - STMicroelectronics L9914 Datasheet HTML 3Page - STMicroelectronics L9914 Datasheet HTML 4Page - STMicroelectronics L9914 Datasheet HTML 5Page - STMicroelectronics L9914 Datasheet HTML 6Page - STMicroelectronics L9914 Datasheet HTML 7Page - STMicroelectronics L9914 Datasheet HTML 8Page - STMicroelectronics L9914 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DS4742 Rev 7
5/13
L9914
Schematic diagram and pin description
12
1
Schematic diagram and pin description
1.1
Schematic diagram
Figure 1. Schematic diagram
1.2
Pin description
Figure 2. Pin connection (top view)
FIELD
(ROTOR)
STARTER
BATTERY
STATOR
ASVR
LOADS
RECTIFIER
BRIDGE
FM
F+
VGO
P
G
TO ECM
L
TO ECM
TO BCM
GAPGPS03055
Table 2. Pin description
N°
Pin
Function
1
P
Phase sense input
2FM
Field monitor output
3
RESERVED
Reserved
4
L
Warning terminal output and ECM PWM input
5
GND
Ground
6
RESERVED
Reserved
7
F
Field high side driver output
8VGO
Generator output sense and voltage supply to L9914
1
2
3
4
5
6
7
8
VGO
F
RESERVED
GND
L
RESERVED
FM
P
GAPGPS03056



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com