Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9914 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9914
Description  All silicon automotive voltage regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9914 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9914 Datasheet HTML 2Page - STMicroelectronics L9914 Datasheet HTML 3Page - STMicroelectronics L9914 Datasheet HTML 4Page - STMicroelectronics L9914 Datasheet HTML 5Page - STMicroelectronics L9914 Datasheet HTML 6Page - STMicroelectronics L9914 Datasheet HTML 7Page - STMicroelectronics L9914 Datasheet HTML 8Page - STMicroelectronics L9914 Datasheet HTML 9Page - STMicroelectronics L9914 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical specifications
L9914
6/13
DS4742 Rev 7
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Absolute maximum ratings and operative range by pin
2.3
Thermal data
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Transient supply voltage (load dump)
40
V
IO
Output current capability
Internally limited
A
Ptot
Power dissipation (@Tj = 150°C, IField = 6 A)
6
W
VREV
Reverse voltage (see Figure 1.)
-2.5 to -6
V
Table 4. Absolute maximum ratings and operative range by pin
Pin #
Name
Absolute maximum rating
Operative range
Unit
Min.
Max.
Min.
Max.
1
P
-5
VGO+3V
-1.5
20
V
2
FM
-1.5
50
-1.5
18
V
3
RESERVED
-0.3
7
must be connect to GND
V
4
L
-0.3
50
-0.3
18
V
5GND
-
-
-
-
-
6
RESERVED
-0.3
7
must be connect to GND
V
7
F
-1.5
VGO
-1.5
VGO
V
8VGO
-2.5
50
8
18
V
Table 5. Thermal data
Symbol
Parameter
Value
Unit
Tj
Junction temperature
-40 to 150
°C
Tstg
Storage temperature
-50 to 150
°C
Tsd
Thermal shut down
175 ±15
°C
Rth j-case Thermal resistance junction to case
1.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com