Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9914 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9914
Description  All silicon automotive voltage regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9914 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9914 Datasheet HTML 5Page - STMicroelectronics L9914 Datasheet HTML 6Page - STMicroelectronics L9914 Datasheet HTML 7Page - STMicroelectronics L9914 Datasheet HTML 8Page - STMicroelectronics L9914 Datasheet HTML 9Page - STMicroelectronics L9914 Datasheet HTML 10Page - STMicroelectronics L9914 Datasheet HTML 11Page - STMicroelectronics L9914 Datasheet HTML 12Page - STMicroelectronics L9914 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DS4742 Rev 7
9/13
L9914
Electrical specifications
12
2.5.2
Regulation feature
Table 9. Regulation feature characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VLON
Lamp term turn on (1) threshold
fL = 128 Hz ±5 %
0.65
0.9
1.15
V
ILON
VL = 0.65 V
0.3
-
1.5
mA
VP1
Initiation of regulation detection
phase voltage threshold (2)
IP = 1 mA (sinking current)
-
0.4
-
V
VP2
Fault detection phase voltage
threshold (3)
-
789
V
IP
Sinking current @ P terminal
VP = 1.5V
0.5
1
1.8
mA
fIFR
Initiation of field regulation
frequency
for L9914A
61
72
83
Hz
FSDF
Field strobe duty factor
@ "power up" with fPHASE < fIFR
for L9914A
-
13.5
-
%
LRC
Load response control rate (4)
for L9914A
2.125
4.25
2.5
5.0
2.875
5.75
s
fLRC
LRC transition frequency
LRC disabled above this value
for L9914A
263
310
357
Hz
Δgnd
Difference between ECM &
alternator ground
-
-0.2
-
0.2
V
VOV
Overvoltage
-
16.5
-
22
V
VLSAT
L saturation voltage
IL = 10 mA
-
-
1.55
V
TDELAY
Fault indication delay time
-
0.935
1.1
1.265
s
1. A 128 Hz PWM signal applied to L input, higher than this threshold, will turn on the device.
2. This threshold on the phase signal is used to detect the phase frequency, fIFR, for the Initiation of field regulation.
3. This threshold on the phase signal is used to sense the presence of the phase for fault detection purposes. Furthermore, to
prevent the loss of phase signal, a 31.25% duty cycle is applied to field output when phase drops below Vp2 and Vgo is
above setpoint.
4. This is the time duration the L9914 takes to ramp up from 0% to 100% duty cycle in response to an increased load on the
generator. The LRC ratio is set 1:4 and the Vreg comparator status is latched at fundamental frequency rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com