Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9914 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9914
Description  All silicon automotive voltage regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9914 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9914 Datasheet HTML 5Page - STMicroelectronics L9914 Datasheet HTML 6Page - STMicroelectronics L9914 Datasheet HTML 7Page - STMicroelectronics L9914 Datasheet HTML 8Page - STMicroelectronics L9914 Datasheet HTML 9Page - STMicroelectronics L9914 Datasheet HTML 10Page - STMicroelectronics L9914 Datasheet HTML 11Page - STMicroelectronics L9914 Datasheet HTML 12Page - STMicroelectronics L9914 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DS4742 Rev 7
11/13
L9914
Package information
12
Table 10. Multiwatt 8 (pin 5GND) package mechanical drawing
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
5
-
-
0.1969
B
-
-
2.65
-
-
0.1043
C
-
-
1.6
-
-
0.0630
E
0.49
-
0.55
0.0193
-
0.0217
F
0.78
-
0.85
0.0307
-
0.0335
G
2.40
2.54
2.68
0.0945
0.1000
0.1055
G1
17.64
17.78
17.92
0.6945
0.7000
0.7055
H1
19.6
-
-
0.7717
-
-
H2
-
-
20.2
-
-
0.7953
L
20.35
20.65
0.8012
0.8130
L2
17.05
17.20
17.35
0.6713
0.6772
0.6831
L3
17.25
17.5
17.75
0.6791
0.6890
0.6988
L4
10.3
10.7
10.9
0.4055
0.4213
0.4291
L7
2.65
-
2.9
0.1043
-
0.1142
S
1.9
-
2.6
0.0748
-
0.1024
S1
1.9
-
2.6
0.0748
-
0.1024
U
0.40
-
0.55
0.0157
-
0.0217
Z
0.70
-
0.85
0.0276
-
0.0335
diam1
3.65
-
3.85
0.1437
-
0.1516



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com