Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9914 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9914
Description  All silicon automotive voltage regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9914 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9914 Datasheet HTML 4Page - STMicroelectronics L9914 Datasheet HTML 5Page - STMicroelectronics L9914 Datasheet HTML 6Page - STMicroelectronics L9914 Datasheet HTML 7Page - STMicroelectronics L9914 Datasheet HTML 8Page - STMicroelectronics L9914 Datasheet HTML 9Page - STMicroelectronics L9914 Datasheet HTML 10Page - STMicroelectronics L9914 Datasheet HTML 11Page - STMicroelectronics L9914 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Electrical specifications
L9914
8/13
DS4742 Rev 7
Figure 4. Setpoint voltage vs. L terminal signal
2.5
Diagnostic
Tj -35 °C to +150 °C unless otherwise specified.
2.5.1
Fault
The following table lists the conditions that cause the fault driver to function (L terminal now
switching between 0 V and VLSAT). To prevent L flicker, specific faults are required to be present
for TDELAY seconds before the fault driver is activated. This delay is indicated in the following
table.
Table 7. Diagnostic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOV
Overvoltage(1)
-
16.5
-
22
V
TDELAY
Fault indication delay time
-
0.935
1.1
1.265
s
1. When the VGO voltage overcomes this value the MFDC is cancelled.
Table 8. Fault
Conditions
Delay
1. Key-on (RVC PWM signal acknowledgement)
No
2. Phase voltage < VP2 and VGO < setpoint
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com