Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9914 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9914
Description  All silicon automotive voltage regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9914 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9914 Datasheet HTML 3Page - STMicroelectronics L9914 Datasheet HTML 4Page - STMicroelectronics L9914 Datasheet HTML 5Page - STMicroelectronics L9914 Datasheet HTML 6Page - STMicroelectronics L9914 Datasheet HTML 7Page - STMicroelectronics L9914 Datasheet HTML 8Page - STMicroelectronics L9914 Datasheet HTML 9Page - STMicroelectronics L9914 Datasheet HTML 10Page - STMicroelectronics L9914 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DS4742 Rev 7
7/13
L9914
Electrical specifications
12
2.4
Electrical characteristics
Tj -35 °C to +150 °C unless otherwise specified.
Figure 3. Reverse B+ test circuit
Table 6. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOS
Operating supply voltage
-
8
-
16(1)
V
ISB
Standby current (2)
VGO = 12.6 V, Tcase -35 to +80 °C
-
-
400
µA
VGO = 12.6 V, 80 <Tcase< +150 °C
-
-
1
mA
VSF
Regulator set-point in fault
PWM signal loss
-
13.8
-
V
VNB
Generator output, no battery
No battery, IOUT = 2 A to 50 %
max load
VS(3)-2
-
VS+2
V
TC
Thermal compensation
Driven by ECM
RVC or FLAT
V
VLR
Load regulation - L9914A
6500 grpm, 10 % to 95 % load
-
-
300
mV
VSR
Speed regulation
15 A load, 2,000 to 10,000 grpm
-
-
100
mV
VFON
Output saturation voltage
IF = 9 A, Tcase ≤ 25 °C
-
-
750
mV
VFON
Output saturation voltage
IF = 6 A, Tcase > 25 °C
-
-
850
mV
IFLIM
Field limit current
F shorted to GND, Tcase ≤ 25 °C
9
-
-
A
F shorted to GND, Tcase = 150 °C
6
-
-
A
VF
Field discharge rectifier
IF =6 A, Tcase = 25 °C
-
-
1.85
V
IR
Diode reverse current
VR = 16 V
-
-
1
mA
fOSC
Oscillation frequency
During LRC operation
340
400
460
Hz
MFDC
Minimum field duty-cycle
V(VGO) < VOV (4)
-6.25-
%
RFM
Impedance @ FM pin
Impedance between FM and F+
5
-
15
K
1. 16 V is the maximum operating voltage.
2. Standby current measured with L, FM open; F connected to GND; P open or tied to GND.
3. VS= Vset point (with or without protocol).
4. When the voltage sensed at VGO terminal is above VOV the minimum field duty-cycle will be 0%.
FIELD
ASVR
FM
F
LP
VGO
F
G
POWER SUPPLY
6V
+-
POWER SUPPLY
2.5V
-+
GAPGPS03057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com