Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22913 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP22913
Description  SINGLE SLEW RATE CONTROLLED LOAD SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22913 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP22913 Datasheet HTML 1Page - Diodes Incorporated AP22913 Datasheet HTML 2Page - Diodes Incorporated AP22913 Datasheet HTML 3Page - Diodes Incorporated AP22913 Datasheet HTML 4Page - Diodes Incorporated AP22913 Datasheet HTML 5Page - Diodes Incorporated AP22913 Datasheet HTML 6Page - Diodes Incorporated AP22913 Datasheet HTML 7Page - Diodes Incorporated AP22913 Datasheet HTML 8Page - Diodes Incorporated AP22913 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AP22913
Document number: DS41203 Rev. 6 - 2
4 of 17
www.diodes.com
May 2021
© Diodes Incorporated
AP22913
Electrical Characteristics (TA = -40°C to +85°C, VIN = 1.4 to 5.5V, VON = VIN (Enabled), VON = 0V (Disabled), CIN = 1μF, COUT =
0.1μF, unless otherwise specified.) (Note 6)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
IQ
Input Quiescent Current
IOUT = 0mA,
VON = Enabled
VIN = 5.25V
—
1.4
7
μA
VIN = 4.2V
—
1
5
VIN = 3.6V
—
0.7
5
VIN = 2.5V
—
0.5
3.5
VIN = 1.5V
—
0.3
3.5
ISHDN
Input Shutdown Current
RL = 1MΩ,
VON = Disabled
VIN = 5.25V
—
0.1
1
μA
VIN = 4.2V
—
0.1
1
VIN = 3.6V
—
0.1
1
VIN = 2.5V
—
0.1
1
VIN = 1.5V
—
0.1
1
IIN_LEAK
Input Leakage Current
VOUT = 0V,
VON = Disabled
VIN = 5.25V
—
0.1
2
μA
VIN = 4.2V
—
0.1
2
VIN = 3.6V
—
0.1
2
VIN = 2.5V
—
0.1
2
VIN = 1.5V
—
0.1
2
RDS(on)
Switch On-resistance, IOUT = -200mA at
X1-WLB0909-4 package
VIN = 5.0V
+25°C
—
54
70
mΩ
Full
—
—
95
VIN = 4.2V
+25°C
—
55
70
Full
—
—
95
VIN = 3.3V
+25°C
—
56
80
Full
—
—
95
VIN = 2.5V
+25°C
—
60
85
Full
—
—
115
VIN = 1.8V
+25°C
—
76
100
Full
—
—
130
VIN = 1.5V
+25°C
—
92
120
Full
—
—
150
Switch On-resistance, IOUT = -200mA at
SOT26 package
VIN = 5.0V
25°C
—
84
100
mΩ
Full
—
—
125
VIN = 4.2V
25°C
—
85
100
Full
—
—
125
VIN = 3.3V
25°C
—
86
100
Full
—
—
125
VIN = 2.5V
25°C
—
90
115
Full
—
—
145
VIN = 1.8V
25°C
—
106
130
Full
—
—
160
VIN = 1.5V
25°C
—
122
150
Full
—
—
180
RDIS
Discharge FET On-resistance
VIN = 3.3V, VON = 0V, IOUT = 30mA,
TA = +25°C
—
150
200
Ω
UVLO
Undervoltage Lockout
VIN increasing
—
—
1.2
V
VIN decreasing
0.5
—
—
VT_RCB
TRCB Trigger Point
VOUT - VIN
—
44
—
mV
VR_RCB
TRCB Release Point
VIN - VOUT
—
0
—
mV
tT_RCB
TRCB Response Time
VIN = 5V, VON = VIN
—
10
—
μs
IRCB
TRCB Reverse Leakage Current
(Current from VIN)
VOUT - VIN
> VT_RCB, VON = Enabled
—
0.3
—
μA
VIN = 0V, VOUT = 5.5V, VON = Disabled
ION
ON Input Leakage
VON = 0V, 5.25V or VON = VIN
—
—
1
μA
Note:
6. Specifications are over -40°C to +85°C and are guaranteed by characterization and design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com