Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22913 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP22913
Description  SINGLE SLEW RATE CONTROLLED LOAD SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22913 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP22913 Datasheet HTML 9Page - Diodes Incorporated AP22913 Datasheet HTML 10Page - Diodes Incorporated AP22913 Datasheet HTML 11Page - Diodes Incorporated AP22913 Datasheet HTML 12Page - Diodes Incorporated AP22913 Datasheet HTML 13Page - Diodes Incorporated AP22913 Datasheet HTML 14Page - Diodes Incorporated AP22913 Datasheet HTML 15Page - Diodes Incorporated AP22913 Datasheet HTML 16Page - Diodes Incorporated AP22913 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AP22913
Document number: DS41203 Rev. 6 - 2
14 of 17
www.diodes.com
May 2021
© Diodes Incorporated
AP22913
Ordering Information
AP22913 xxx -x
Packing
Package
CN4 : X1-WLB0909-4
W6 : SOT-26
-7 : Tape & Reel
Part Number
Package Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
AP22913CN4-7
CN4
X1-WLB0909-4
3,000/Tape & Reel
-7
AP22913W6-7
W6
SOT26
3,000/Tape & Reel
-7
Marking Information
(1) X1-WLB0909-4
Y : Year : 0~9
X : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
X
Y W
(Top View)
Part Number
Package
Identification Code
AP22913CN4-7
X1-WLB0909-4
C
(2) SOT-26
1
2
3
6
4
XX Y W X
XX : Identification Code
Y : Year 0~9
X : Internal Code
( Top View )
5
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AP22913W6-7
SOT26
N9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com