Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22913 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP22913
Description  SINGLE SLEW RATE CONTROLLED LOAD SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22913 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP22913 Datasheet HTML 9Page - Diodes Incorporated AP22913 Datasheet HTML 10Page - Diodes Incorporated AP22913 Datasheet HTML 11Page - Diodes Incorporated AP22913 Datasheet HTML 12Page - Diodes Incorporated AP22913 Datasheet HTML 13Page - Diodes Incorporated AP22913 Datasheet HTML 14Page - Diodes Incorporated AP22913 Datasheet HTML 15Page - Diodes Incorporated AP22913 Datasheet HTML 16Page - Diodes Incorporated AP22913 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AP22913
Document number: DS41203 Rev. 6 - 2
13 of 17
www.diodes.com
May 2021
© Diodes Incorporated
AP22913
Application Information
Input Capacitor
A 1μF capacitor is recommended to connect between the VIN and GND pins to decouple glitch and noise of the input power supply. The input
capacitor has no specific type or ESR (Equivalent Series Resistance) requirement. However, for higher current application, ceramic capacitors are
recommended due to their capability to withstand input current surges from low impedance sources, such as batteries in portable applications.
This input capacitor must be located as close as possible to the device to assure input stability and less noise. For PCB layout, a wide copper
trace is required for both VIN and GND
.
Output Capacitor
The 0.1μF to 1μF capacitor is recommended to connect between the VOUT and GND pins to stabilize and accommodate load transient condition.
The output capacitor has no specific type or ESR requirement. The amount of the capacitance may be increased without limit. For PCB layout, the
output capacitor must be placed as close as possible to VOUT and GND pins. The traces must be kept as short as possible.
Enable/Shutdown Operation
The AP22913 is turned on by setting the ON pin high, and is turned off by pulling it low. To ensure proper operation, the signal source used to
drive the ON pin must be able to swing above and below the specified turn-on/off voltage thresholds listed in the Electrical Characteristics section
under VIL and VIH.
True Reverse Current Blocking
An internal reverse voltage comparator disables the power-switch when the output voltage (VOUT) is driven higher than the input voltage (VIN), by
VT_RCB , to quickly (10μs typ) stop the flow of current towards the input side of the switch.
Reverse current protection is always active, even when the power switch is disabled. Additionally, undervoltage lockout (UVLO) protection turns
the switch off if the input voltage is too low.
Discharge Operation
The AP22913 offers a discharge option that helps to discharge the output charge when disabled.
Power Dissipation
The maximum IC junction temperature should be restricted to +125°C under normal operating conditions. The device power dissipation and
proper sizing of the thermal plane is critical to avoid thermal shutdown and ensure reliable operation. Power dissipation of the device depends on
input voltage and load conditions and can be calculated by:
DSON
2
OUT
D
xR
I
P =
(1)
However, the maximum power dissipation that can be handled by the device depends on the maximum junction to ambient thermal resistance,
maximum ambient temperature, and maximum device junction temperature, which can be approximated by the equation below:
JA
A
)
MAX
(
D
)
T
C
125
(
P
θ
−
°
=
(2)
Layout Guidelines
Good PCB layout is important for improving the thermal performance of the device. All trace lengths should be kept as short as possible. The input
(VIN) and output (VOUT) PCB traces should be as wide as possible to reduce stray impedance.
Use a ground plane to enhance the power dissipation capability of the device if applicable. Place input and output capacitors close to the device to
minimize the effects of parasitic inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com