Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22913 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP22913
Description  SINGLE SLEW RATE CONTROLLED LOAD SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22913 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP22913 Datasheet HTML 1Page - Diodes Incorporated AP22913 Datasheet HTML 2Page - Diodes Incorporated AP22913 Datasheet HTML 3Page - Diodes Incorporated AP22913 Datasheet HTML 4Page - Diodes Incorporated AP22913 Datasheet HTML 5Page - Diodes Incorporated AP22913 Datasheet HTML 6Page - Diodes Incorporated AP22913 Datasheet HTML 7Page - Diodes Incorporated AP22913 Datasheet HTML 8Page - Diodes Incorporated AP22913 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AP22913
Document number: DS41203 Rev. 6 - 2
5 of 17
www.diodes.com
May 2021
© Diodes Incorporated
AP22913
Timing Characteristics (Note 7)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
tON
Output Turn-on Time
VIN = 5V, RL = 10Ω, COUT = 0.1µF
—
720
—
μs
tOFF
Output Turn-off Time
—
5
—
μs
tR
Output Rise Time
—
660
—
μs
tF
Output Fall Time
—
2.5
—
μs
tON
Output Turn-on Time
VIN = 3.3V, RL = 10Ω, COUT = 0.1µF
—
1050
—
μs
tOFF
Output Turn-off Time
—
6.5
—
μs
tR
Output Rise Time
—
770
—
μs
tF
Output Fall Time
—
3.0
—
μs
tON
Output Turn-on Time
VIN = 1.5V, RL = 10Ω, COUT = 0.1µF
—
2300
—
μs
tOFF
Output Turn-off Time
—
18
—
μs
tR
Output Rise Time
—
1400
—
μs
tF
Output Fall Time
—
5.0
—
μs
VOUT
ON
tR
tF
10%
10%
90%
90%
Output Rise (tR) and Fall (tF) Time
VOUT
ON
tON
tOFF
50%
50%
50%
50%
Output Turn On (tON) and Turn Off (tOFF) Time
Note:
7. Rise and fall time of the control signal are less than 100ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com