Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22913 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP22913
Description  SINGLE SLEW RATE CONTROLLED LOAD SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22913 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP22913 Datasheet HTML 7Page - Diodes Incorporated AP22913 Datasheet HTML 8Page - Diodes Incorporated AP22913 Datasheet HTML 9Page - Diodes Incorporated AP22913 Datasheet HTML 10Page - Diodes Incorporated AP22913 Datasheet HTML 11Page - Diodes Incorporated AP22913 Datasheet HTML 12Page - Diodes Incorporated AP22913 Datasheet HTML 13Page - Diodes Incorporated AP22913 Datasheet HTML 14Page - Diodes Incorporated AP22913 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AP22913
Document number: DS41203 Rev. 6 - 2
11 of 17
www.diodes.com
May 2021
© Diodes Incorporated
AP22913
Typical Performance Characteristics (continued) (TA= +25°C, VON= 1.8V, unless otherwise specified.)
Output Turn On Response
VIN = 5V, CIN = 10μF, COUT = 1μF, RL = 10Ω
Output Turn Off Response
VIN = 5V, CIN = 10μF, COUT = 1μF, RL = 10Ω
Output Turn On Response
VIN = 3.3V, CIN = 10μF, COUT = 1μF, RL = 10Ω
Output Turn Off Response
VIN = 3.3V, CIN = 10μF, COUT = 1μF, RL = 10Ω
Output Turn On Response
VIN = 1.5V, CIN = 10μF, COUT = 1μF, RL = 10Ω
Output Turn Off Response
VIN = 1.5V, CIN = 10μF, COUT = 1μF, RL = 10Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com