Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22913 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP22913
Description  SINGLE SLEW RATE CONTROLLED LOAD SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22913 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP22913 Datasheet HTML 1Page - Diodes Incorporated AP22913 Datasheet HTML 2Page - Diodes Incorporated AP22913 Datasheet HTML 3Page - Diodes Incorporated AP22913 Datasheet HTML 4Page - Diodes Incorporated AP22913 Datasheet HTML 5Page - Diodes Incorporated AP22913 Datasheet HTML 6Page - Diodes Incorporated AP22913 Datasheet HTML 7Page - Diodes Incorporated AP22913 Datasheet HTML 8Page - Diodes Incorporated AP22913 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AP22913
Document number: DS41203 Rev. 6 - 2
2 of 17
www.diodes.com
May 2021
© Diodes Incorporated
AP22913
Typical Applications Circuit
AP22913
VIN
ON
GND
VOUT
VIN
VOUT
CIN
1μF
COUT
0.1μF~1μF
Pin Descriptions
Pin Name
Pin Number
Function
WLCSP
VOUT
A1
Voltage output pin. This is the pin to the P-channel MOSFET drain connection.
Bypass to ground through a 0.1µF or 1µF capacitor.
VIN
A2
Voltage input pin. This is the pin to the P-channel MOSFET source.
Bypass to ground through a 1µF capacitor.
GND
B1
Ground.
ON
B2
Enable input, active high
Functional Block Diagram
VIN
ON
GND
VOUT
Slew Rate
Control
Output
Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com