Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSIB660 Datasheet(PDF) 48 Page - Toshiba Semiconductor

Part # GSIB660
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GSIB660 Datasheet(HTML) 48 Page - Toshiba Semiconductor

Back Button GSIB660 Datasheet HTML 44Page - Toshiba Semiconductor GSIB660 Datasheet HTML 45Page - Toshiba Semiconductor GSIB660 Datasheet HTML 46Page - Toshiba Semiconductor GSIB660 Datasheet HTML 47Page - Toshiba Semiconductor GSIB660 Datasheet HTML 48Page - Toshiba Semiconductor GSIB660 Datasheet HTML 49Page - Toshiba Semiconductor GSIB660 Datasheet HTML 50Page - Toshiba Semiconductor GSIB660 Datasheet HTML 51Page - Toshiba Semiconductor GSIB660 Datasheet HTML 52Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
CD3
2203-000041
C-CERAMIC,CHIP;0.01nF,0.25pF,50V,NP0,TP,
AZ166037
1
CD4
2203-000041
C-CERAMIC,CHIP;0.01nF,0.25pF,50V,NP0,TP,
AZ166037
1
C21
2203-000181
C-CERAMIC,CHIP;100nF,+80-20%,25V,Y5V,TP,
AZ166038
1
C39
2203-000181
C-CERAMIC,CHIP;100nF,+80-20%,25V,Y5V,TP,
AZ166038
1
C42
2203-000181
C-CERAMIC,CHIP;100nF,+80-20%,25V,Y5V,TP,
AZ166038
1
C43
2203-000181
C-CERAMIC,CHIP;100nF,+80-20%,25V,Y5V,TP,
AZ166038
1
C44
2203-000181
C-CERAMIC,CHIP;100nF,+80-20%,25V,Y5V,TP,
AZ166038
1
C51
2203-000181
C-CERAMIC,CHIP;100nF,+80-20%,25V,Y5V,TP,
AZ166038
1
C52
2203-000181
C-CERAMIC,CHIP;100nF,+80-20%,25V,Y5V,TP,
AZ166038
1
C53
2203-000181
C-CERAMIC,CHIP;100nF,+80-20%,25V,Y5V,TP,
AZ166038
1
C54
2203-000181
C-CERAMIC,CHIP;100nF,+80-20%,25V,Y5V,TP,
AZ166038
1
C55
2203-000181
C-CERAMIC,CHIP;100nF,+80-20%,25V,Y5V,TP,
AZ166038
1
C56
2203-000181
C-CERAMIC,CHIP;100nF,+80-20%,25V,Y5V,TP,
AZ166038
1
C57
2203-000181
C-CERAMIC,CHIP;100nF,+80-20%,25V,Y5V,TP,
AZ166038
1
C27
2203-000236
C-CERAMIC,CHIP;0.1nF,5%,50V,NP0,TP,1608T
AZ166039
1
C33
2203-000236
C-CERAMIC,CHIP;0.1nF,5%,50V,NP0,TP,1608T
AZ166039
1
C37
2203-000236
C-CERAMIC,CHIP;0.1nF,5%,50V,NP0,TP,1608T
AZ166039
1
C16
2203-000257
C-CERAMIC,CHIP;10nF,10%,50V,X7R,1608,-,T
AZ166040
1
C30
2203-000426
C-CERAMIC,CHIP;0.018nF,5%,50V,NP0,TP,160
AZ166041
1
C1
2203-000491
C-CERAMIC,CHIP;2.2nF,10%,50V,X7R,1608,-,
AZ166042
1
C13
2203-000491
C-CERAMIC,CHIP;2.2nF,10%,50V,X7R,1608,-,
AZ166042
1
C17
2203-000491
C-CERAMIC,CHIP;2.2nF,10%,50V,X7R,1608,-,
AZ166042
1
C18
2203-000491
C-CERAMIC,CHIP;2.2nF,10%,50V,X7R,1608,-,
AZ166042
1
C2
2203-000491
C-CERAMIC,CHIP;2.2nF,10%,50V,X7R,1608,-,
AZ166042
1
C24
2203-000491
C-CERAMIC,CHIP;2.2nF,10%,50V,X7R,1608,-,
AZ166042
1
C25
2203-000491
C-CERAMIC,CHIP;2.2nF,10%,50V,X7R,1608,-,
AZ166042
1
C26
2203-000491
C-CERAMIC,CHIP;2.2nF,10%,50V,X7R,1608,-,
AZ166042
1
C5
2203-000491
C-CERAMIC,CHIP;2.2nF,10%,50V,X7R,1608,-,
AZ166042
1
C7
2203-000491
C-CERAMIC,CHIP;2.2nF,10%,50V,X7R,1608,-,
AZ166042
1
C8
2203-000491
C-CERAMIC,CHIP;2.2nF,10%,50V,X7R,1608,-,
AZ166042
1
C9
2203-000491
C-CERAMIC,CHIP;2.2nF,10%,50V,X7R,1608,-,
AZ166042
1
C20
2203-000552
C-CERAMIC,CHIP;0.02nF,5%,50V,NP0,TP,1608
AZ166043
1
C29
2203-000659
C-CERAMIC,CHIP;0.27nF,5%,50V,NP0,TP,1608
AZ166044
1
C31
2203-000659
C-CERAMIC,CHIP;0.27nF,5%,50V,NP0,TP,1608
AZ166044
1
C6
2203-000659
C-CERAMIC,CHIP;0.27nF,5%,50V,NP0,TP,1608
AZ166044
1
C23
2203-000975
C-CERAMIC,CHIP;47nF,10%,25V,X7R,TP,1608,
AZ166045
1
C3
2203-000975
C-CERAMIC,CHIP;47nF,10%,25V,X7R,TP,1608,
AZ166045
1
C11
2203-001052
C-CERAMIC,CHIP;0.56nF,10%,50V,X7R,TP,160
AZ166046
1
C14
2203-001052
C-CERAMIC,CHIP;0.56nF,10%,50V,X7R,TP,160
AZ166046
1
C19
2203-001052
C-CERAMIC,CHIP;0.56nF,10%,50V,X7R,TP,160
AZ166046
1
C4
2203-001052
C-CERAMIC,CHIP;0.56nF,10%,50V,X7R,TP,160
AZ166046
1
C22
2203-001256
C-CERAMIC,CHIP;0.008nF,0.25pF,50V,NP0,TP
AZ166047
1
C38
2203-001603
C-CERAMIC,CHIP;220nF,10%,16V,X7R,2012,2m
AZ166048
1
C28
2203-002494
C-CERAMIC,CHIP;470nF,10%,16V,X7R,TP,2012
AZ166049
1
C32
2203-002494
C-CERAMIC,CHIP;470nF,10%,16V,X7R,TP,2012
AZ166049
1
C34
2203-002494
C-CERAMIC,CHIP;470nF,10%,16V,X7R,TP,2012
AZ166049
1
C36
2203-002494
C-CERAMIC,CHIP;470nF,10%,16V,X7R,TP,2012
AZ166049
1
CE1
2401-000480
C-AL;10uF,20%,50V,GP,TP,5x11,5
AZ164009
1
CE2
2401-000480
C-AL;10uF,20%,50V,GP,TP,5x11,5
AZ164009
1
CE4
2401-000480
C-AL;10uF,20%,50V,GP,TP,5x11,5
AZ164009
1
CE5
2401-000480
C-AL;10uF,20%,50V,GP,TP,5x11,5
AZ164009
1
CE3
2401-001026
C-AL;3.3uF,20%,50V,GP,TP,5x11mm,5mm
AZ164018
1
L1
2702-001092
INDUCTOR-RADIAL;2.2uH,10%,6x4mm
AZ363074
1
L2
2702-001092
INDUCTOR-RADIAL;2.2uH,10%,6x4mm
AZ363074
1
X2
2801-003432
CRYSTAL-UNIT;20.25MHz,30ppm,28-AAA,13pF,
AZ663007
1
L3
3301-001324
CORE-FERRITE BEAD;AB,15OHM,2X1.25X0.9MM,
AZ760225
1
L4
3301-001324
CORE-FERRITE BEAD;AB,15OHM,2X1.25X0.9MM,
AZ760225
1
CN64
3711-004778
CONNECTOR-HEADER;NOWALL,64P,2R,2.0mm,ANG
AZ760226
1
PCB
AA41-00475A PCB-SIPADOS TOP;CS29A5,FR-4,4L,A,1.6T,18
AZ760227
1
L403
AA27-30003Q COIL-LINEARLITY;-,8.8uH,YL81 15x18,USTC0
AZ363075
1
CN801
3711-004721
CONNECTOR-HEADER;3WALL,2P,1R,12.5mm,STRA
AZ760166
1
CN802
3711-004720
CONNECTOR-HEADER;3WALL,2P,1R,12.5mm,STRA
AZ760167
1
BOT
AA39-20010A LEAD CONNECTOR-ASSY;,1P,YFH800-01,S,200,
AZ760168
1
SW801S
3403-000179
SWITCH-PUSH;250V,5A,DPST,-,JPW-2104B
AZ662001
1
RM901
AA32-00001A MODULE REMOCON;-,ORC-195VF,38KHZ,940nm,M
AZ664153
1
LD901
AA96-00461A ASSY LED GUIDE;-,-,SL-255D,RED/GRN
AZ760169
1
ASSY PCB CRT
*
AA95-01540A ASSY PCB CRT;,KS3A,28,A8-K8,W8-Z4,100HZ
AZ760229
1
AA63-10002A BAND-TIE;-,NYLON66 V2,-,-,L100,NTR,-,-
AZ760068
1
CN501A
3711-002641
CONNECTOR-HEADER;BOX,10P,1R,2.54MM,STRAI
AZ664184
1
CN501A
AA39-00225A LEAD CONNECTOR ASSY;,10P,67096-010,S,600
AZ760184
1
CN502A
3711-002646
CONNECTOR-HEADER;BOX,7P,1R,2.5mm,STRAIGH
AZ760158
1
Electric Parts List
7-14
LOC NO PARTS NO
Description & Specification
REPLACEMENT NO
Q’ty
REMARKS
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com