Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSIB660 Datasheet(PDF) 27 Page - Toshiba Semiconductor

Part # GSIB660
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GSIB660 Datasheet(HTML) 27 Page - Toshiba Semiconductor

Back Button GSIB660 Datasheet HTML 23Page - Toshiba Semiconductor GSIB660 Datasheet HTML 24Page - Toshiba Semiconductor GSIB660 Datasheet HTML 25Page - Toshiba Semiconductor GSIB660 Datasheet HTML 26Page - Toshiba Semiconductor GSIB660 Datasheet HTML 27Page - Toshiba Semiconductor GSIB660 Datasheet HTML 28Page - Toshiba Semiconductor GSIB660 Datasheet HTML 29Page - Toshiba Semiconductor GSIB660 Datasheet HTML 30Page - Toshiba Semiconductor GSIB660 Datasheet HTML 31Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
Alignment and Adjustments
4-16
4-8-2 Pin Assignment Specification
DESCRIPTION
EEPROM Write Protection
EEPROM Serial Data Line
EEPROM Serial Clock Line
Disable Micom IIC
Peripheral IC Serial Data Line
Peripheral IC Serial Clock Line
MSP IC Initial Control
VDP IC Initial Control
TTX CVBS Input
Analog B+
Analog Ground
Auto Fine Tuning Control
Scart1 Ident
Scart2 Ident
Key1 Input
Horizontal Sync Input
Vertical Sync Input
Key3 Input
Key2 Input
X-Ray Protection
Remocon Signal Input
LED Drive Output(Red)
LED Drive Output(Green)
PIN NO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
FUNCTION
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Vdd
GND
Vdd
CVBS
Vdd
GND
ADC
ADC
ADC
ADC
HS
VS
I/O
I/O
I/O
I/O
I/O
I/O
ASSIGN
Write Protect
ROM SDA
ROM SCL
Bus Stop
Main SDA
Main SCL
Sound Reset
Video Reset
VDD 2.5V
VDD 3.3V
CVBS Input
VDD 2.5V
AFT
SC1-ID
SC2-ID
Key1
H-Sync
V-Sync
Key3
Key2
X-Ray
IR-In
STD-LED
TIM-LED
IN/OUT
Out
I/O
I/O
In
I/O
I/O
Out
Out
In
In
In
In
In
In
In
In
In
In
In
Out
Out
ACTIVE H/L
Low
Low
Low
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com