Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSIB660 Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # GSIB660
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GSIB660 Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button GSIB660 Datasheet HTML 12Page - Toshiba Semiconductor GSIB660 Datasheet HTML 13Page - Toshiba Semiconductor GSIB660 Datasheet HTML 14Page - Toshiba Semiconductor GSIB660 Datasheet HTML 15Page - Toshiba Semiconductor GSIB660 Datasheet HTML 16Page - Toshiba Semiconductor GSIB660 Datasheet HTML 17Page - Toshiba Semiconductor GSIB660 Datasheet HTML 18Page - Toshiba Semiconductor GSIB660 Datasheet HTML 19Page - Toshiba Semiconductor GSIB660 Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
Alignment and Adjustments
4-5
CAUSE
MODEL
LOC NO CODE NO
SPEC
LOC NO CODE NO
SPEC
IC201S
AZ760240
Assy-sipados,SDA9401,F5
IC201S
AZ760244
Assy-sipados,SDA9401,F6
IC3
AZ760222
DDP3310B-E4,PLCC,68P,-,5V,-
IC3
AZ760245
DDP3310B-F6,PLCC,68P,5V,
A Improvement of TTX
C29
AZ166044
0.27nF,5%,50V,NP0,TP,1608
C29
DELETE
DELETE
C30
AZ166041
0.018nF,5%,50V,NP0,TP,1608
C30
AZ268050
0ohm,5%,1/16W,DA,TP,1608
C31
AZ166044
0.27nF,5%,50V,NP0,TP,1608
C31
DELETE
DELETE
R8
AZ268055
75ohm,5%,1/16W,DA,TP,1608
R8
DELETE
DELETE
R7
AZ268053
68ohm,5%,1/16W,DA,TP,1608
R7
AZ268050
0ohm,5%,1/16W,DA,TP,1608
L1
AZ363074
2.2uH,10%,6x4mm
L1
DELETE
DELETE
A Improvement of AV CROSSTALK
ASSY-SIPADOSS MODULE
BEFORE
AFTER
ASSY-SIPADOS(9401)
LOC
PCB correction contents
Remark
C242
DELETE
C410
DELETE
J220
DELETE
J221
DELETE
J231
delete only material(LOC exist)
J913
JUMPER added
C203
16V 10uF added
R944
1/8W 3.9K
R956
1/8W 470 added
R954
1/8W 47K added
R955
1/8W 100 added
C926
C-AXIAL;150P
L222
JUMPER added
H-OUT LINE
J701
JUMPER added
2H-Noise
CN701A 3P WIRE OPTION(AA39-00306A)
2H-Noise (TO CN702A)
CN702 Polarity changed.(Pattern changed)
Against 2H-Noise
J817
JUMPER added
Against 2H-Noise
J204
JUMPER added
GND JUMPER
CN302 DELETE
Delete if R307 add.
R307
2W 1.2ohm(AG) added
Process changed(E -> V)
L910
8.2uH AL02
Delete unnecessary materials
and locations
A Improvement of TTX ERROR
Note 3.
PCB CORRECTION CONTENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com