Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSIB660 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # GSIB660
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GSIB660 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button GSIB660 Datasheet HTML 6Page - Toshiba Semiconductor GSIB660 Datasheet HTML 7Page - Toshiba Semiconductor GSIB660 Datasheet HTML 8Page - Toshiba Semiconductor GSIB660 Datasheet HTML 9Page - Toshiba Semiconductor GSIB660 Datasheet HTML 10Page - Toshiba Semiconductor GSIB660 Datasheet HTML 11Page - Toshiba Semiconductor GSIB660 Datasheet HTML 12Page - Toshiba Semiconductor GSIB660 Datasheet HTML 13Page - Toshiba Semiconductor GSIB660 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
Specifications
3-1
3. Specifications
Specifications are subject to change.
Television
System
Antena Input
CW
Power
Consumption
Requirements
Frequency
Output
Sound
Effect
Jacks
Front
(AV2)
Back
PAL/SECAM-B/G,D/K,L,I
130W (Applied When 29” Flat)
220V Only
50Hz
15W x 2CH
Vitual Dolby
Turbo Sound
Pseudo Stereo
RCA Input
S-VHS
Head-Phone
2Scart Input/Output
AV2 Monitor Audio Output
75ohms, Coaxial Cable
Option
Option
AV1 : Scart I/O, RGB Input,
RF Out
AV2 : Scart I/O, Monitor Out
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com