Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSIB660 Datasheet(PDF) 52 Page - Toshiba Semiconductor

Part # GSIB660
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GSIB660 Datasheet(HTML) 52 Page - Toshiba Semiconductor

Back Button GSIB660 Datasheet HTML 48Page - Toshiba Semiconductor GSIB660 Datasheet HTML 49Page - Toshiba Semiconductor GSIB660 Datasheet HTML 50Page - Toshiba Semiconductor GSIB660 Datasheet HTML 51Page - Toshiba Semiconductor GSIB660 Datasheet HTML 52Page - Toshiba Semiconductor GSIB660 Datasheet HTML 53Page - Toshiba Semiconductor GSIB660 Datasheet HTML 54Page - Toshiba Semiconductor GSIB660 Datasheet HTML 55Page - Toshiba Semiconductor GSIB660 Datasheet HTML 56Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
0202-000008
SOLDER-WIRE;S63S-W3.0,S63S,D3,SN63/PB37
AZ760060
0.0015
0202-000187
SOLDER-WIRE FLUX;-,RS60S,D1.2,63SN/37PB
AZ760061
0.00045
0204-001024
FLUX;DF-98TVS,-,20%,-
AZ760064
0.000245
0204-000442
SOLVENT;1M-1000,C3H70H,96,-
AZ760063
0.000352
HA99-200090 ASSY-PCB,A/V SIDE(ACI);-,CT-294D,K51A,NT
AZ760237
1
R701
2001-000028
R-CARBON(S);100OHM,5%,1/2W,AA,TP,2.4X6.4
AZ261913
1
R702
2001-000028
R-CARBON(S);100OHM,5%,1/2W,AA,TP,2.4X6.4
AZ261913
1
C701
2202-000121
C-CERAMIC,MLC-AXIAL;100pF,10%,50V,Y5P,TP
AZ161101
1
C702
2202-000121
C-CERAMIC,MLC-AXIAL;100pF,10%,50V,Y5P,TP
AZ161101
1
C707
2202-000121
C-CERAMIC,MLC-AXIAL;100pF,10%,50V,Y5P,TP
AZ161101
1
C708
2202-000121
C-CERAMIC,MLC-AXIAL;100pF,10%,50V,Y5P,TP
AZ161101
1
C703
2202-000231
C-CERAMIC,MLC-AXIAL;330pF,10%,50V,Y5P,TP
AZ161331
1
C704
2202-000231
C-CERAMIC,MLC-AXIAL;330pF,10%,50V,Y5P,TP
AZ161331
1
C705
2401-002009
C-AL;100UF,20%,16V,GP,TP,6.3*7.5
AZ166017
1
C706
2401-002009
C-AL;100UF,20%,16V,GP,TP,6.3*7.5
AZ166017
1
L701
2701-000114
INDUCTOR-AXIAL;10UH,10%,2.5X3.4MM
AZ361001
1
L702
2701-000114
INDUCTOR-AXIAL;10UH,10%,2.5X3.4MM
AZ361001
1
L703
2701-000114
INDUCTOR-AXIAL;10UH,10%,2.5X3.4MM
AZ361001
1
L704
2701-000114
INDUCTOR-AXIAL;10UH,10%,2.5X3.4MM
AZ361001
1
L705
2701-000168
INDUCTOR-AXIAL;3.3 UH 5% 2.5X3.4 MM
AZ361008
1
L706
2701-000168
INDUCTOR-AXIAL;3.3 UH 5% 2.5X3.4 MM
AZ361008
1
L707
3301-000287
CORE-FERRITE BEAD;AA,3.5x1.0x6.0mm,1500,
AZ362003
1
L708
3301-000287
CORE-FERRITE BEAD;AA,3.5x1.0x6.0mm,1500,
AZ362003
1
PCB
AA41-00345A PCB-SIDE A/V;CS29K1,FR-1,1L,A,1.6T,245x2
AZ664182
1
AA65-30018A CLAMP-WIRE;DONG-A,NYLON-66,-,-,-,DATL-60
AZ760050
3
ASSYPCB-PFC
*
HA94-05783A ASSYPCB-PFC;32W8/Z4,50HZ,973B
AZ760238
1
HA99-200068 ASSY-PCB,PFC(ACI);32W8,KS3A
AZ760239
1
EYP07
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP08
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP09
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP10
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP11
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP12
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP13
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP14
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP15
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP16
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP17
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP18
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP19
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP20
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP21
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP22
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP23
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP24
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP25
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
EYP26
AA60-40011A EYELET;ID2.0,OD2.8,-,-,BST,-
AZ664148
1
PCB
AA41-00404A PCB-PFC;CS2539,FR-1,1L,A,1.6T,330x245,5,
AZ760197
1
CNP02
AA39-00236A LEAD CONNECTOR ASSY;,3(2)P,YHL500-03A BL
AZ760198
1
TOP
AA39-00235A LEAD CONNECTOR ASSY;,3(2)P,YHL500-03A BL
AZ760199
1
PFT01
AA27-00121A COIL CHOKE;CODE_NO,SP43J5HP,15mH,-0%,+5%
AZ363077
1
PFT02
AA27-00121A COIL CHOKE;CODE_NO,SP43J5HP,15mH,-0%,+5%
AZ363077
1
HA98-600020 ASSY-SUB,PART;KS4A,PFC PCB
AZ760158
1
0202-000008
SOLDER-WIRE;S63S-W3.0,S63S,D3,SN63/PB37
AZ760060
0.00282
0202-000187
SOLDER-WIRE FLUX;-,RS60S,D1.2,63SN/37PB
AZ760061
0.00005
0204-001024
FLUX;DF-98TVS,-,20%,-
AZ760064
0.001412
0204-000442
SOLVENT;1M-1000,C3H70H,96,-
AZ760063
0.001557
HA61-00987A HOLDER-PFC;32W8,29A8,28W8,HIPS,ALLFLAT
AZ760159
1
HA83-00006A LP-RESIN HIPS;,BASF495F,NTR,HB
AZ760125
0.03344
HA83-00011A LP-RESIN;,M BATCH,WILSON 6007-GY-60,GRY
AZ760160
0.00068
CNP02
3711-004721
CONNECTOR-HEADER;3WALL,2P,1R,12.5mm,STRA
AZ760166
1
TOP
3711-004720
CONNECTOR-HEADER;3WALL,2P,1R,12.5mm,STRA
AZ760167
1
6003-001023
SCREW-TAPTITE;RWH,+,B,M3,L10,ZPC(YEL)SWR
AZ760161
4
ASSY CABINET FRONT
*
HA91-00829A ASSY CABINET FRONT;29V1,KS2A,FLAT,HIPS
AZ760162
1
HA64-01971A WINDOW RMC.LED;SPACE
AZ760122
1
Electric Parts List
7-18
LOC NO PARTS NO
Description & Specification
REPLACEMENT NO
Q’ty
REMARKS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com