Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSIB660 Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part # GSIB660
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GSIB660 Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button GSIB660 Datasheet HTML 22Page - Toshiba Semiconductor GSIB660 Datasheet HTML 23Page - Toshiba Semiconductor GSIB660 Datasheet HTML 24Page - Toshiba Semiconductor GSIB660 Datasheet HTML 25Page - Toshiba Semiconductor GSIB660 Datasheet HTML 26Page - Toshiba Semiconductor GSIB660 Datasheet HTML 27Page - Toshiba Semiconductor GSIB660 Datasheet HTML 28Page - Toshiba Semiconductor GSIB660 Datasheet HTML 29Page - Toshiba Semiconductor GSIB660 Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
Alignment and Adjustments
4-15
4-8 MICOM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
I/O
I/O
IO
I/O
I/O
I/O
I/O
I/O
ADC
ADC
ADC
ADC
I/O
I/O
I/O
I/O
I/O
I/O
PWM
I/O
I/O
I/O
S
D
A
5
5
5
X
Write Protect
EEPROM SDA
EEPROM SCL
Bus-Stop
Main SDA
Main SCL
Sound Reset
Video Reset
VDD 2.5V
GND
VDD 3.3V
CVBS Input
VDD 2.5V
GND
AFT
Scart1 Ident
Scart2 Ident
Key 1
H-Sync
V-Sync
Key 3
Key 2
X-Ray Protect
IR Input
Stand-By LED
Time LED
Tilt
N.C.
Power
Sound Mute
N.C.
N.C.
PX. Y
PX. Y
VDD 3.3V
GND
VDD 2.5V
CORE
OSD-B
OSD-G
OSD-R
VDD 2.5V
GND
X-TAL Out
X-TAL In
MICOM Reset
N.C.
N.C.
VDD 3.3V
GND
N.C.
Relay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com