Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001B Datasheet(PDF) 12 Page - STMicroelectronics

Part # HVLED001B
Description  High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button HVLED001B Datasheet HTML 8Page - STMicroelectronics HVLED001B Datasheet HTML 9Page - STMicroelectronics HVLED001B Datasheet HTML 10Page - STMicroelectronics HVLED001B Datasheet HTML 11Page - STMicroelectronics HVLED001B Datasheet HTML 12Page - STMicroelectronics HVLED001B Datasheet HTML 13Page - STMicroelectronics HVLED001B Datasheet HTML 14Page - STMicroelectronics HVLED001B Datasheet HTML 15Page - STMicroelectronics HVLED001B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Electrical characteristics
HVLED001B
12/33
DS12748 Rev 2
Twait
ZCD
ZCD waiting time after
TBLANK elapse
4.6
6.5
9
μs
VZCD,cl_l
ZCD
ZCD negative clamping
voltage
IZCD src = 1 mA
-230
-100
-
mV
IZCDb
ZCD ZCD pin biasing current VZCD = 0.1 to 2.6 V(7)
--
1
μA
IBO
ZCD
Brownout detection
level
Sourcing during ON-time
75
100
125
μA
TBO
ZCD
Brownout detection
time
IZCD < IBO(5)
75
100
125
ms
Timing
Trec
-
Recovery time after
Opto failure, Analogue
disable or Brownout
(5)
1.8
2.5
3.2
s
TSS
-
Internal time to activate
the timed protections
After first startup(5)
0.6
0.85
1.1
s
Gate driver
VGDH
GD
Output high voltage
IGD,source = 5 mA
14.5
-
-
V
VGDL
GD
Output low voltage
IGD,sink = 5 mA
-
-
0.1
V
Isource
GD
Output source peak
current
VGD = 7.5 V(7)
0.48
0.66
-
A
Isink
GD
Output sink peak
current
VGD = 7.5 V(7)
0.83
1.2
-
A
Tf
GD
Fall time
CGD = 1 nF, from 13.5 V to 1.5 V
-
5
-
ns
Tr
GD
Rise time
CGD = 1 nF, from 1.5 V to 13.5 V
-
30
-
ns
VGD,shd
GD
Maximum voltage
during shut-down
VCC < Vcc,shd , IGD = 2 mA
-
1
1.5
V
OPTO input
VOPTO,dis
OPTO Disabling threshold
0.97
1.054
1.11
V
VOPTO,bias OPTO OPTO biasing voltage
Tamb = 25 °C(3)
-
3.2
-
V
Over whole temp. range(7) (3)
2.9
-
-
IOPTO,bias OPTO OPTO biasing current
VOPTO = 0 V
110
148
185
μA
ROPTO
OPTO Internal parallel resistor
35
45
55
k
TOFF characteristics
VTOFF,fix
TOFF
Minimum fixed TBLANK
voltage
(7)
-2
-
V
koff
TOFF
TOFF characteristic
slope
(7) (9)
-40
-
μs/
V
Table 6. Electrical characteristics (continued)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com