Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001B Datasheet(PDF) 20 Page - STMicroelectronics

Part # HVLED001B
Description  High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button HVLED001B Datasheet HTML 16Page - STMicroelectronics HVLED001B Datasheet HTML 17Page - STMicroelectronics HVLED001B Datasheet HTML 18Page - STMicroelectronics HVLED001B Datasheet HTML 19Page - STMicroelectronics HVLED001B Datasheet HTML 20Page - STMicroelectronics HVLED001B Datasheet HTML 21Page - STMicroelectronics HVLED001B Datasheet HTML 22Page - STMicroelectronics HVLED001B Datasheet HTML 23Page - STMicroelectronics HVLED001B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Application information
HVLED001B
20/33
DS12748 Rev 2
7.1.2
Ramp-up mode
This is a particular operational mode, identical to active mode, where timed protections
(Brownout and Over Power Protection - see relevant graphs) are ignored. This mode ends
after a fixed period (Tss) since the first crossing upwards of VCC voltage. After Tss, the IC
enters active mode.
7.1.3
Active mode
This is the normal operational mode. During this state the external MOSFET is driven
according to signals coming from the application in order to regulate the desired output
parameter in closed loop (peak current control method).
Active mode is exited when abnormal conditions are present or VCC drops below the
VCC,su threshold. The HVSU is inactive during active mode.
7.1.4
Low consumption mode
This state is intended to stop the switching activity reducing the power consumption to a
minimum level.
During this state the VCC is kept between VCC,su and VCC,on by the high voltage startup
unit (HVSU) delivering Icharge to the output capacitor.
7.1.5
Stop mode
This state is intended to stop the switching activity without turning off the entire function set,
to quickly restart when abnormal or disabling conditions end. During this state the power
consumption is not minimized and the HVSU is not enabled. In case the OPTO pin drops
below the disabling threshold or VCC voltage drops below the VCC,su voltage and the IC
state evolves into low consumption state.
Note:
IMPORTANT: HVSU charges VCC so any other external voltage (including auxiliary
winding) must be de-coupled using a Diode (e.g. 1N4148).
7.2
Control loop
The control loop is based on the current mode Quasi Resonant flyback control scheme and
is therefore performed turning off the MOSFET when the peak of its source current reaches
the threshold set by the control loop, and turning the MOSFET on in correspondence with
the resonant valley following the primary side demagnetization input.
A detail of the block involved in this scheme is shown in Figure 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com