Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001B Datasheet(PDF) 21 Page - STMicroelectronics

Part # HVLED001B
Description  High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001B Datasheet(HTML) 21 Page - STMicroelectronics

Back Button HVLED001B Datasheet HTML 17Page - STMicroelectronics HVLED001B Datasheet HTML 18Page - STMicroelectronics HVLED001B Datasheet HTML 19Page - STMicroelectronics HVLED001B Datasheet HTML 20Page - STMicroelectronics HVLED001B Datasheet HTML 21Page - STMicroelectronics HVLED001B Datasheet HTML 22Page - STMicroelectronics HVLED001B Datasheet HTML 23Page - STMicroelectronics HVLED001B Datasheet HTML 24Page - STMicroelectronics HVLED001B Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DS12748 Rev 2
21/33
HVLED001B
Application information
33
Figure 20. Control loop blocks
7.2.1
Current sense input
The peak of the primary current is read across a shunt resistor placed between the
MOSFET‘s source and compared with a threshold equal to:
Equation 1
Where the term VHVSU,pk is the maximum value of the HVSU voltage within around 20 ms
and is used to compensate the dependency on the input voltage of the open loop gain
transfer function. The gain kp collects all the proportional terms between HVSU voltage and
CS threshold.
A leading edge blanking time (LEB) is applied after MOSFET‘s turn-on.
VCS signal is upper limited to a value that depends on the OPTO voltage and is lower
limited to 60 mV.
A second level OCP threshold is present to temporarily stop the switching activity in case of
inductor saturation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com