Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001B Datasheet(PDF) 13 Page - STMicroelectronics

Part # HVLED001B
Description  High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button HVLED001B Datasheet HTML 9Page - STMicroelectronics HVLED001B Datasheet HTML 10Page - STMicroelectronics HVLED001B Datasheet HTML 11Page - STMicroelectronics HVLED001B Datasheet HTML 12Page - STMicroelectronics HVLED001B Datasheet HTML 13Page - STMicroelectronics HVLED001B Datasheet HTML 14Page - STMicroelectronics HVLED001B Datasheet HTML 15Page - STMicroelectronics HVLED001B Datasheet HTML 16Page - STMicroelectronics HVLED001B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
DS12748 Rev 2
13/33
HVLED001B
Electrical characteristics
33
ITOFFpu
TOFF Pull-up current
VTOFF = 0 V Tamb = 25 °C
10
-
13
μA
μA
VTOFF = 0 V(7)
6.5
12
16.5
VTOFF,bias TOFF Internal bias voltage
(7)‘
-
2.5
-
V
1. Parameters in tracking group 1
2. Calculated during testing procedure as difference between measured Icc and FB source current
3. Parameters in tracking group 2
4. Kp parameter includes the overall tolerances of the multiplier block defined as per note (8)
5. Parameter calculated
6. Parameters in tracking group 3
7. Parameters not tested in production
8. See Section 7.2.1 Equation 1
9.
Table 6. Electrical characteristics (continued)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com