Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001B Datasheet(PDF) 28 Page - STMicroelectronics

Part # HVLED001B
Description  High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001B Datasheet(HTML) 28 Page - STMicroelectronics

Back Button HVLED001B Datasheet HTML 24Page - STMicroelectronics HVLED001B Datasheet HTML 25Page - STMicroelectronics HVLED001B Datasheet HTML 26Page - STMicroelectronics HVLED001B Datasheet HTML 27Page - STMicroelectronics HVLED001B Datasheet HTML 28Page - STMicroelectronics HVLED001B Datasheet HTML 29Page - STMicroelectronics HVLED001B Datasheet HTML 30Page - STMicroelectronics HVLED001B Datasheet HTML 31Page - STMicroelectronics HVLED001B Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Application information
HVLED001B
28/33
DS12748 Rev 2
7.6
Protections
A comprehensive set of protections is embedded to ensure a high level of reliability of the
final application using a limited number of components.
7.6.1
Over current protection (OCP)
To prevent any damage to active components in case of inductor saturation the MOSFET is
immediately turned off by fast OCP protection. On this occurrence the IC temporarily enters
stop state for a time equal to TOCP.
7.6.2
Input over voltage protection (I-OVP)
Disturbances of the input voltage like surges or bursts may increase the voltage applied to
the transformer primary side. At worst, an excessive input voltage could be applied to the
application. These occurrences may result in MOSFET damage during the OFF state when
the drain voltage rises to Vin plus reflected voltage, eventually above the maximum absolute
rating of the MOSFET itself.
An input voltage higher than VSurge, measured by the HVSU structure, immediately stops
the IC. An internal hysteresis improves the noise rejection of this feature. This protection is
always active.
7.6.3
Brownout protection (BO)
The current sourced by the ZCD pin's negative clamp during ON-time is compared to a
minimum value to determine whether the input voltage is lower than the input range
specification (Brownout protection). If a value lower than IBO for a time longer than TBO,
managed by the ART, is detected, the IC is stopped for Trec and then restarted.
When the protection is triggered, the ART performs the auto-relaoding procedure after Trec.
Brownout protection is active during active mode, but blanked during ramp-up mode.
Referring to the typical application schematic, the brownout level can be obtained adjusting
the transformer turn ratio and ZCD resistor configuration. The following equation regulates
the relationship between said level and external components.
Equation 3
7.6.4
Over power protection (OPP)
This protection detects either the over-load condition or the absence of the optocoupler
control (no pull-down) or for more than a time equal to TOPP and switches off the
application putting the device in low consumption mode. This prevents the output power
from rising above excessive values due to the loss of control.
The ART manages the TOPP interval and performs the auto-reloading procedure after Trec.
The OPP is active during active mode, but blanked during ramp-up mode.
Vbrown,out
NPRI
NAUX
---------------RFB RBO
+
 I
BO

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com