Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001B Datasheet(PDF) 26 Page - STMicroelectronics

Part # HVLED001B
Description  High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001B Datasheet(HTML) 26 Page - STMicroelectronics

Back Button HVLED001B Datasheet HTML 22Page - STMicroelectronics HVLED001B Datasheet HTML 23Page - STMicroelectronics HVLED001B Datasheet HTML 24Page - STMicroelectronics HVLED001B Datasheet HTML 25Page - STMicroelectronics HVLED001B Datasheet HTML 26Page - STMicroelectronics HVLED001B Datasheet HTML 27Page - STMicroelectronics HVLED001B Datasheet HTML 28Page - STMicroelectronics HVLED001B Datasheet HTML 29Page - STMicroelectronics HVLED001B Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Application information
HVLED001B
26/33
DS12748 Rev 2
7.3
Gate driver
The output stage, connected to VCC potential and capable of 300 mA source and 600 mA
sink current, is suitable to drive high current MOSFETs. The resulting managed power can
be greater than 150 W.
7.4
IC supply management
The IC's voltage supply is managed by the UVLO circuitry together with high voltage startup
unit and reference generators. These logics also define supply currents during different
operating conditions.
7.4.1
VCC supply management
The IC is designed to operate with a range of supply voltage to ensure an optimum gate
driving. An active limiting device is embedded to prevent low energy fluctuations to bring the
VCC voltage above the technological constraints.
Both the active mode and the low consumption mode exhibit very low supply currents in
order to meet energy saving regulation.
The VCC pin can be driven independently from the HVSU pin's connection, for example
when auxiliary supply voltage is present. In this case the HVSU pin will be used solely to
monitor input voltage.
A bulk capacitor, having a capacitance of around 22 μF, followed by a ceramic capacitor,
having a typical capacitance of 100 nF and connected very tight to the VCC pin, are
necessary to properly sustain the VCC voltage during all operating phases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com