Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STELPD01APUR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STELPD01APUR
Description  Electronic load switch for power line
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STELPD01APUR Datasheet(HTML) 5 Page - STMicroelectronics

  STELPD01APUR Datasheet HTML 1Page - STMicroelectronics STELPD01APUR Datasheet HTML 2Page - STMicroelectronics STELPD01APUR Datasheet HTML 3Page - STMicroelectronics STELPD01APUR Datasheet HTML 4Page - STMicroelectronics STELPD01APUR Datasheet HTML 5Page - STMicroelectronics STELPD01APUR Datasheet HTML 6Page - STMicroelectronics STELPD01APUR Datasheet HTML 7Page - STMicroelectronics STELPD01APUR Datasheet HTML 8Page - STMicroelectronics STELPD01APUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
4
Maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Power supply input voltage
-0.3 to 23.5
V
VOUT
Output voltage
-0.3 to VIN + 0.3
V
ILIM
Current limit resistor pin voltage
-0.3 to 23.5
V
EN/Fault
EN/Fault pin voltage
-0.3 to 7
V
dV/dt
dV/dt pin voltage
-0.3 to 7
V
VG
External gate driver pin voltage
-0.3 to 23.5
V
TJ-OP
Operating junction temperature range (1)
-40 to 125
°C
TJ-MAX
Maximum junction temperature
125
°C
TSTG
Storage temperature range
-55 to 150
°C
TLEAD
Lead temperature (soldering) 10 sec
260
°C
1. The thermal limit is set above the maximum thermal rating. It is not recommended to operate the device at temperatures
greater than the maximum ratings for extended periods.
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. All values are referred to GND.
Table 4. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient (1)
53
°C/W
RthJC
Thermal resistance junction-case
18
°C/W
1. Based on JESD51-7, 4-layer PCB.
Table 5. ESD performance
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD protection voltage
HBM
2
kV
CDM
500
V
Table 6. Recommended operating condition
Symbol
Parameter
Value
Unit
VIN
Operating power supply input voltage
4 to 16.8
V
ID
Maximum continuous current TA = 25 °C (1)
5
A
CIN
Minimum input capacitor
1
µF
COUT
Minimum output capacitor
1
µF
1. The maximum allowable power dissipation is a function of the maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature TA and can be estimated by: PD(MAX) = (TJ(MAX)-TA) / θJA.
Exceeding the maximum allowable power dissipation produces overheating that may cause thermal shutdown.
STELPD01
Maximum ratings
DS13254 - Rev 1
page 5/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com