Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STELPD01APUR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STELPD01APUR
Description  Electronic load switch for power line
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STELPD01APUR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STELPD01APUR Datasheet HTML 5Page - STMicroelectronics STELPD01APUR Datasheet HTML 6Page - STMicroelectronics STELPD01APUR Datasheet HTML 7Page - STMicroelectronics STELPD01APUR Datasheet HTML 8Page - STMicroelectronics STELPD01APUR Datasheet HTML 9Page - STMicroelectronics STELPD01APUR Datasheet HTML 10Page - STMicroelectronics STELPD01APUR Datasheet HTML 11Page - STMicroelectronics STELPD01APUR Datasheet HTML 12Page - STMicroelectronics STELPD01APUR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Figure 6. Delay time and VOUT ramp-up time
0
2
4
6
8
10
12
Time
En/Fault
VOUT
delay
time
ramp -up
time
Table 8. Rise time vs. CdV/dt, VIN = 5 V
CdV/dt [pF]
0
22
33
47
100
180
270
470
1000
Rise time [ms]
0.5
0.76
0.89
1.06
1.7
2.66
3.74
6.14
12.5
Note:
Above table shows typical rise times obtained with available capacitor values. Values with Cdv/dt ≠ 0 are
guaranteed by design/correlation and not tested in production.
6.2
Maximum load at startup
Depending on supply voltage, load and output capacitance, it is possible that during startup the power dissipation
reaches the maximum power protection and the output is shut down before the startup is completed. Increasing
soft-start time, the inrush current is reduced and overtemperature fault is avoided.
Adjustable soft-start time is very useful in those applications where a single power supply serves several loads
connected to the same rail with a big equivalent capacitive load. Therefore, it is important to determine the right
start-up time and in-rush current to limit the dynamic power stresses and avoid thermal shutdown during startup.
6.3
Normal operating condition
The STELPD01 behaves like a power switch, buffering the circuitry on its output with the same voltage shown at
its input, except for a small voltage fall due to the N-channel MOSFET RDSon.
6.4
Output voltage clamp
This internal protection circuit clamps the output voltage to a maximum safe value, typically 17.5 V, if the input
voltage exceeds the VCLAMP threshold. In this condition, the device regulates the output voltage, therefore power
dissipation increases and according to load current, the thermal shutdown can occur.
6.5
Current limiting
During operation, if the load current reaches the ILIM overload threshold, an overload is detected.
The current limiting circuit opens the power MOSFET disconnecting the load.
Typical reaction time of overcurrent control loop is 1.5 µs. This time considers the delay between the instant when
output current reaches ILIM threshold and the activation of current control loop that acts on the gate of integrated
FET to open the power path.
On the latched versions (STELPD01), the EN/Fault pin of the device is automatically set to the intermediate
voltage VI(INT), during Vout falling edge, in order to signal the overload event to the system controller.
The device can be reset from this condition either by cycling the supply voltage or by pulling down the EN pin
below the VIL threshold and then releasing it.
STELPD01
Maximum load at startup
DS13254 - Rev 1
page 9/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com