Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STELPD01APUR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STELPD01APUR
Description  Electronic load switch for power line
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STELPD01APUR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STELPD01APUR Datasheet HTML 2Page - STMicroelectronics STELPD01APUR Datasheet HTML 3Page - STMicroelectronics STELPD01APUR Datasheet HTML 4Page - STMicroelectronics STELPD01APUR Datasheet HTML 5Page - STMicroelectronics STELPD01APUR Datasheet HTML 6Page - STMicroelectronics STELPD01APUR Datasheet HTML 7Page - STMicroelectronics STELPD01APUR Datasheet HTML 8Page - STMicroelectronics STELPD01APUR Datasheet HTML 9Page - STMicroelectronics STELPD01APUR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
5
Electrical characteristics
VIN = 5 V, VEN/Fault = 5 V, CIN = 10 µF, COUT = 10 µF, CdV/dt = floating, RLIM = 22 Ω; TJ = 25 °C; unless otherwise
specified.
Table 7. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Under/Overvoltage protection
VCLAMP
Clamping voltage
IOUT = 10 mA
16.8
17.5
18.2
V
VUVLO
VIN undervoltage lockout
Turn-on, VIN rising
2.85
2.9
2.95
V
Hysteresis
150
mV
Power MOSFET
TDELAY
Delay time
Enabling of chip to soft-start beginning
(10% of VOUT), No CdV/dt
165
µs
RDSon
On-resistance (1)
TJ = 25 °C, IOUT = 500 mA
42
52
TJ = 85 °C (2)
50
VIN = 15 V, TJ = 25 °C, IOUT = 500 mA
40
50
VIN = 15 V, TJ = 85 °C (2)
48
VOFF
Off-state output voltage
VIN = 18 V, RL = infinite, EN/Fault
connected to ground
1
3
mV
Current limit
ILIM
Overcurrent limit threshold
RLIM = 22 Ω
5.15
A
RLIM = 51 Ω
3
dV/dt circuit
dV/dt
Output voltage ramp time
From 10% to 90% of VOUT, No CdV/dt
500
µs
Blocking FET gate driver
IFET
External FET charging
current
Device on
30
µA
VFETmax
External FET clamp voltage
VIN = 9 V, VG-VOUT
4.6
V
RFETdisch
External FET discharging
current
VEN/Fault = 0 V, VG = VIN
7.5
mA
TPLP
PLP intervention time
From EN/Fault = 0 V or VIN < VUVLO to
VG < 1 V
1
µs
EN/Fault
VIL
Low level input voltage
threshold
Output disabled
0.4
V
VI(INT)
Intermediate level input
voltage
Thermal fault, output disabled
750
825
900
mV
VIH
High level input voltage
threshold
2.55
V
VI(MAX)
High state maximum voltage
VIN = 5 V
4.9
V
VIN = 15 V
4.95
IIL
Low level input current (sink) VEN/Fault = 0 V
-100
-140
µA
IIH
High level leakage current
for external switch
VEN/Fault = 5 V
1
µA
STELPD01
Electrical characteristics
DS13254 - Rev 1
page 6/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com