Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STELPD01APUR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STELPD01APUR
Description  Electronic load switch for power line
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STELPD01APUR Datasheet(HTML) 1 Page - STMicroelectronics

  STELPD01APUR Datasheet HTML 1Page - STMicroelectronics STELPD01APUR Datasheet HTML 2Page - STMicroelectronics STELPD01APUR Datasheet HTML 3Page - STMicroelectronics STELPD01APUR Datasheet HTML 4Page - STMicroelectronics STELPD01APUR Datasheet HTML 5Page - STMicroelectronics STELPD01APUR Datasheet HTML 6Page - STMicroelectronics STELPD01APUR Datasheet HTML 7Page - STMicroelectronics STELPD01APUR Datasheet HTML 8Page - STMicroelectronics STELPD01APUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Features
Wide input voltage range: 4 V to 18 V
17.5 V typical output overvoltage clamp
Absolute maximum voltage of 23.5 V
5 A maximum continuous current
Adjustable current limit with circuit breaker functionality
Thermal protection
Input undervoltage lockout
Low inrush current during startup
Integrated 40 mΩ Power FET
EN/Fault pin
Adjustable slew rate for output voltage
Gate control pin for reverse current blocking FET
Latch or auto-retry
Available in DFN10L (3x3 mm) package
Applications
Hot-Swap, Hot-Plug protection
Industrial Systems
VBUS management for Type-C and USB PD applications
Description
The STELPD01 is an integrated electronic power switch for power rail protection
applications.
It is able to precisely detect and react to overcurrent and overvoltage conditions.
When an overload condition occurs, the device goes into an open state,
disconnecting the load from the power supply. An external power MOSFET can be
driven to manage the power loss protection in case of fault condition.
In case of overvoltage on the input, the device regulates the output to a preset 17.5 V
value.
Undervoltage lockout prevents the load from malfunction, keeping the device off if the
rail voltage is too low.
The STELPD01 features an adjustable turn-on slew-rate, which is useful to keep the
in-rush current under control during startup and hot-swap operations.
DFN10L (3x3 mm)
Maturity status link
STELPD01
Electronic load switch for power line
STELPD01
Datasheet
DS13254 - Rev 1 - January 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STELPD01APUR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STEL-2020 ETC-STEL-2020 Datasheet
1Mb / 11P
Convolutional-FEC-Viterbi Error Circuit - Burst and continuous modes
logo
STMicroelectronics
STEL12H24 STMICROELECTRONICS-STEL12H24 Datasheet
728Kb / 26P
Electronic switch for 12 V, 5 V and 3.3 V buses
13-Oct-2021
logo
List of Unclassifed Man...
STEL2020 ETC-STEL2020 Datasheet
1Mb / 11P
Convolutional-FEC-Viterbi Error Circuit - Burst and continuous modes
More results

Similar Description - STELPD01APUR

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0638 SUTEX-HT0638 Datasheet
50Kb / 4P
Electronic Line Switch
HT18 SUTEX-HT18 Datasheet
76Kb / 3P
Electronic Telephone Line Switch
HT18 SUTEX-HT18_07 Datasheet
369Kb / 4P
Electronic Telephone Line Switch
HT19 SUTEX-HT19_14 Datasheet
444Kb / 4P
Electronic Telephone Line Switch
HT18 SUTEX-HT18_14 Datasheet
443Kb / 4P
Electronic Telephone Line Switch
logo
Maxim Integrated Produc...
MAX77734EVKIT MAXIM-MAX77734EVKIT Datasheet
2Mb / 17P
On-Board Electronic Load for LDO
Rev 0; 9/17
logo
PHOENIX CONTACT
101764 PHOENIX-101764 Datasheet
68Kb / 5P
Electronic Reversing-Load Relay for DC Motors
logo
Shenzhen Guan Hua Wei Y...
WSD20100DN56 WIINSOK-WSD20100DN56 Datasheet
2Mb / 5P
Load Switch Power System
logo
List of Unclassifed Man...
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
DC Electronic Load
logo
ITECH ELECTRONIC CO.,LT...
IT8211 ITECH-IT8211 Datasheet
72Kb / 1P
DC Power Sources DC Electronic Load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com