Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STELPD01APUR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STELPD01APUR
Description  Electronic load switch for power line
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STELPD01APUR Datasheet(HTML) 4 Page - STMicroelectronics

  STELPD01APUR Datasheet HTML 1Page - STMicroelectronics STELPD01APUR Datasheet HTML 2Page - STMicroelectronics STELPD01APUR Datasheet HTML 3Page - STMicroelectronics STELPD01APUR Datasheet HTML 4Page - STMicroelectronics STELPD01APUR Datasheet HTML 5Page - STMicroelectronics STELPD01APUR Datasheet HTML 6Page - STMicroelectronics STELPD01APUR Datasheet HTML 7Page - STMicroelectronics STELPD01APUR Datasheet HTML 8Page - STMicroelectronics STELPD01APUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
3
Application circuits
Figure 3. Typical application circuit
EN/Fault
V
IN
dV/dt
V
OUT
I
LIM
C
IN
C
OUT
C
dV/dt
R
LIM
GND
V
G
V
CC
V
OUT
STELPD01
LOAD
Exp
Figure 4. Typical application circuit with reverse current protection
EN/Fault
VIN
dV/dt
VOUT
ILIM
CIN
COUT
CdV/dt
RLIM
GND
VG
VCC
STELPD01
LOAD
M1
CLOAD
Exp
Table 2. Typical application components
Symbol
Value
Description
Note
CIN
1 µF
Input capacitor
This value should be increased depending on
input inductance and load current.
CdV/dt
560 pF
Soft-start capacitor
This value depends on the desired soft-start
time.
RLIM
51 Ω
Current limitation resistor
This value depends on the desired current limit
threshold.
COUT
10 µF
Output capacitor
STELPD01
Application circuits
DS13254 - Rev 1
page 4/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com