Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STELPD01APUR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STELPD01APUR
Description  Electronic load switch for power line
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STELPD01APUR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STELPD01APUR Datasheet HTML 11Page - STMicroelectronics STELPD01APUR Datasheet HTML 12Page - STMicroelectronics STELPD01APUR Datasheet HTML 13Page - STMicroelectronics STELPD01APUR Datasheet HTML 14Page - STMicroelectronics STELPD01APUR Datasheet HTML 15Page - STMicroelectronics STELPD01APUR Datasheet HTML 16Page - STMicroelectronics STELPD01APUR Datasheet HTML 17Page - STMicroelectronics STELPD01APUR Datasheet HTML 18Page - STMicroelectronics STELPD01APUR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Figure 19. EN/Fault pin thresholds vs. temperature
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
ON
OFF
Fault
Figure 20. EN/Fault pull-up voltage vs. temperature
3.50
4.00
4.50
5.00
5.50
6.00
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
VIN = 5 V
Figure 21. EN/Fault pin current vs. temperature (EN/Fault
to GND)
0.00
25.00
50.00
75.00
100.00
125.00
150.00
175.00
200.00
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
Figure 22. Soft-start time vs. temperature (no Cdv/dt)
0
100
200
300
400
500
600
700
800
900
1000
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
VIN = 5 V
Figure 23. External FET clamp voltage (VFETmax) vs. input
voltage
0
1
2
3
4
5
6
0
5
10
15
20
25
Input Voltage [V]
Figure 24. Startup with no load
STELPD01
Typical characteristics
DS13254 - Rev 1
page 15/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com