Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSTTR Datasheet(PDF) 52 Page - STMicroelectronics

Part # LSM6DSTTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTTR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LSM6DSTTR Datasheet HTML 48Page - STMicroelectronics LSM6DSTTR Datasheet HTML 49Page - STMicroelectronics LSM6DSTTR Datasheet HTML 50Page - STMicroelectronics LSM6DSTTR Datasheet HTML 51Page - STMicroelectronics LSM6DSTTR Datasheet HTML 52Page - STMicroelectronics LSM6DSTTR Datasheet HTML 53Page - STMicroelectronics LSM6DSTTR Datasheet HTML 54Page - STMicroelectronics LSM6DSTTR Datasheet HTML 55Page - STMicroelectronics LSM6DSTTR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 180 page
background image
Functionality
LSM6DST
52/180
DocID033525 Rev 2
2.
Mode 3 / Mode 4 (for OIS and EIS functionality)
Figure 20. Gyroscope digital chain - Mode 3 / Mode 4 (OIS/EIS)
1. When Mode3/4 is enabled, the LPF1 filter is not available in the gyroscope UI chain.
2. It is recommended to avoid using the LPF1 filter in Mode1/2 when Mode3/4 is intended to be used.
3. HP_EN_OIS can be used to select the HPF on the OIS path only if the HPF is not used in the UI chain. If
both the HP_EN_G bit and HP_EN_OIS bit are set to 1, the HP filter is applied to the UI chain only.
The auxiliary interface needs to be enabled in UI_CTRL1_OIS (70h) / SPI2_CTRL1_OIS
(70h).
In Mode 3/4 configuration, there are two paths:
the chain for User Interface (UI) where the ODR is selectable from 12.5 Hz up to
6.66 kHz
the chain for OIS/EIS where the ODR is at 6.66 kHz and the LPF1 is available. The
LPF1 configuration depends on the setting of the FTYPE_[1;0] _OIS bit in register
UI_CTRL2_OIS (71h) / SPI2_CTRL2_OIS (71h); for more details about the filter
characteristics see Table 171: Gyroscope OIS chain digital LPF1 filter bandwidth
selection. Gyroscope output values are in registers 22h to 27h if read from the
Auxi_SPI or in registers 4Ah to 4Fh if read from the primary interface with the selected
full scale (FS[1:0]_G_OIS bit in UI_CTRL1_OIS (70h) / SPI2_CTRL1_OIS (70h)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com