Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSTTR Datasheet(PDF) 54 Page - STMicroelectronics

Part # LSM6DSTTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTTR Datasheet(HTML) 54 Page - STMicroelectronics

Back Button LSM6DSTTR Datasheet HTML 50Page - STMicroelectronics LSM6DSTTR Datasheet HTML 51Page - STMicroelectronics LSM6DSTTR Datasheet HTML 52Page - STMicroelectronics LSM6DSTTR Datasheet HTML 53Page - STMicroelectronics LSM6DSTTR Datasheet HTML 54Page - STMicroelectronics LSM6DSTTR Datasheet HTML 55Page - STMicroelectronics LSM6DSTTR Datasheet HTML 56Page - STMicroelectronics LSM6DSTTR Datasheet HTML 57Page - STMicroelectronics LSM6DSTTR Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 180 page
background image
Functionality
LSM6DST
54/180
DocID033525 Rev 2
Auxiliary SPI full control
This is the default condition of the device. The camera module is completely independent
from the application processor as shown in Figure 21.
The Auxiliary SPI can configure OIS functionality through SPI2_INT_OIS (6Fh),
SPI2_CTRL1_OIS (70h), SPI2_CTRL2_OIS (71h), SPI2_CTRL3_OIS (72h).
Reading from the Auxiliary SPI is enabled only when the OIS_EN_SPI2 bit in the
SPI2_CTRL1_OIS (70h) register is set to '1'. This bit also turns on the gyroscope OIS chain.
The Primary Interface can access the OIS control registers (UI_INT_OIS (6Fh),
UI_CTRL1_OIS (70h), UI_CTRL2_OIS (71h), UI_CTRL3_OIS (72h)) in read mode.
Note:
If accelerometer Ultra-Low-Power Mode is intended to be used on the Primary chain, it is
recommended to use the Primary IF enabling option instead, in order to make sure that the
device is set in Power-Down (from ULP mode) before enabling the OIS chain.
Figure 21. Auxiliary SPI full control (a) and enabling primary interface (b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com