Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSTTR Datasheet(PDF) 55 Page - STMicroelectronics

Part # LSM6DSTTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTTR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button LSM6DSTTR Datasheet HTML 51Page - STMicroelectronics LSM6DSTTR Datasheet HTML 52Page - STMicroelectronics LSM6DSTTR Datasheet HTML 53Page - STMicroelectronics LSM6DSTTR Datasheet HTML 54Page - STMicroelectronics LSM6DSTTR Datasheet HTML 55Page - STMicroelectronics LSM6DSTTR Datasheet HTML 56Page - STMicroelectronics LSM6DSTTR Datasheet HTML 57Page - STMicroelectronics LSM6DSTTR Datasheet HTML 58Page - STMicroelectronics LSM6DSTTR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 180 page
background image
DocID033525 Rev 2
55/180
LSM6DST
Functionality
180
Enabling the primary interface
This option allows the application processor to enable/disable the OIS functionality from the
primary interface. An example of this option is shown in Figure 21.
In order to enable/disable the OIS chain from the primary interface, the OIS_ON_EN bit in
the CTRL7_G (16h) register must be set to '1' from the primary interface.
Then, enabling OIS functionalities and reading from the Auxiliary SPI can be done from the
primary interface by setting the OIS_ON bit in CTRL7_G (16h) to ‘1’. This bit also turns on
the gyroscope OIS chain.
The configuration of the OIS functionalities must be implemented from the Auxiliary SPI
through the SPI2_INT_OIS (6Fh), SPI2_CTRL1_OIS (70h), SPI2_CTRL2_OIS (71h), and
SPI2_CTRL3_OIS (72h) registers. The camera module can verify that the AP has enabled
the LSM6DST OIS chain by reading the SPI2_WHO_AM_I (0Fh) register. The bit
OIS_EN_SPI2 is kept under reset.
The Primary Interface can access the OIS control registers (UI_INT_OIS (6Fh),
UI_CTRL1_OIS (70h), UI_CTRL2_OIS (71h), UI_CTRL3_OIS (72h)) in read mode.
Note:
If the accelerometer Ultra-Low-Power Mode is active when activation of the OIS is required,
the device must be set in Power-Down mode before enabling the OIS chain.
Note:
The OIS_ON_EN bit is reset from the SW RESET procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com