Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSTTR Datasheet(PDF) 56 Page - STMicroelectronics

Part # LSM6DSTTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTTR Datasheet(HTML) 56 Page - STMicroelectronics

Back Button LSM6DSTTR Datasheet HTML 52Page - STMicroelectronics LSM6DSTTR Datasheet HTML 53Page - STMicroelectronics LSM6DSTTR Datasheet HTML 54Page - STMicroelectronics LSM6DSTTR Datasheet HTML 55Page - STMicroelectronics LSM6DSTTR Datasheet HTML 56Page - STMicroelectronics LSM6DSTTR Datasheet HTML 57Page - STMicroelectronics LSM6DSTTR Datasheet HTML 58Page - STMicroelectronics LSM6DSTTR Datasheet HTML 59Page - STMicroelectronics LSM6DSTTR Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 180 page
background image
Functionality
LSM6DST
56/180
DocID033525 Rev 2
Primary interface full control
This option allows the application processor to configure all OIS functionalities from the
primary interface. This option allows using embedded OIS data for both the main and front
camera, connecting them to the application processor (eventually adding a context hub) as
shown in Figure 22: the AP can also do some processing on the data before sending them
to the cameras.
In order to place the device in this mode, the OIS_CTRL_FROM_UI bit in the
FUNC_CFG_ACCESS (01h) register must be set to ‘1’ from the primary interface.
Figure 22. OIS Primary interface full control
Then, the AP can configure OIS functionalities through UI_INT_OIS (6Fh), UI_CTRL1_OIS
(70h), UI_CTRL2_OIS (71h), UI_CTRL3_OIS (72h).
The OIS_EN_SPI2 bit in the UI_CTRL1_OIS (70h) register enables the gyroscope OIS
chain.
Reading from the Auxiliary SPI can be enabled by setting the SPI2_ READ_EN bit in the
UI_INT_OIS (6Fh) register to ‘1’ in order to directly read OIS data (as shown in Figure 22
(b)). The Auxiliary SPI can access the SPI2_INT_OIS (6Fh), SPI2_CTRL1_OIS (70h),
SPI2_CTRL2_OIS (71h), and SPI2_CTRL3_OIS (72h) registers in read-only mode.
Note:
If the accelerometer Ultra-Low-Power Mode is active when activation of the OIS is required,
the device must be set in Power-Down mode before enabling the OIS chain.
Note:
The OIS_CTRL_FROM_UI bit is reset from the SW RESET procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com