Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSTTR Datasheet(PDF) 64 Page - STMicroelectronics

Part # LSM6DSTTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTTR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button LSM6DSTTR Datasheet HTML 60Page - STMicroelectronics LSM6DSTTR Datasheet HTML 61Page - STMicroelectronics LSM6DSTTR Datasheet HTML 62Page - STMicroelectronics LSM6DSTTR Datasheet HTML 63Page - STMicroelectronics LSM6DSTTR Datasheet HTML 64Page - STMicroelectronics LSM6DSTTR Datasheet HTML 65Page - STMicroelectronics LSM6DSTTR Datasheet HTML 66Page - STMicroelectronics LSM6DSTTR Datasheet HTML 67Page - STMicroelectronics LSM6DSTTR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 180 page
background image
Table 21. Internal pin status
pin
#
Name
Mode 1 function
Mode 2 function
Mode 3 / Mode 4
function
Pin status
Mode 1
Pin status
Mode 2
Pin status
Mode 3/4(1)
1
SDO
SPI 4-wire interface
serial data output
(SDO)
SPI 4-wire interface
serial data output
(SDO)
SPI 4-wire interface
serial data output
(SDO)
Default:
input without pull-up.
Pull-up is enabled if
bit SDO_PU_EN = 1
in reg. 02h.
Default:
input without pull-up.
Pull-up is enabled if bit
SDO_PU_EN = 1 in
reg. 02h.
Default:
Input without pull-up.
Pull-up is enabled if bit
SDO_PU_EN = 1
in reg 12h.
SA0
I²C least significant
bit of the device
address (SA0)
MIPI I3CSM least
significant bit of the
static address (SA0)
I²C least significant
bit of the device
address (SA0)
MIPI I3CSM least
significant bit of the
static address (SA0)
I²C least significant bit
of the device address
(SA0)
MIPI I3CSM least
significant bit of the
static address (SA0)
2
SDx
Connect to VDDIO or
GND
I²C serial data master
(MSDA)
Auxiliary SPI 3/4-wire
interface serial data
input (SDI) and SPI
3-wire serial data
output (SDO)
Default:
input without pull-up.
Pull-up is enabled if bit
SHUB_PU_EN = 1 in
reg 14h in sensor hub
registers (see Note to
enable pull-up).
Default:
input without pull-up.
Pull-up is enabled if bit
SHUB_PU_EN = 1 in
reg 14h in sensor hub
registers (see Note to
enable pull-up).
Default:
input without pull-up.
Pull-up is enabled if bit
SHUB_PU_EN = 1 in
reg 14h in sensor hub
registers (see Note to
enable pull-up).
3
SCx
Connect to VDDIO or
GND
I²C serial clock
master (MSCL)
Auxiliary SPI 3/4-wire
interface serial port
clock (SPC_Aux)
Default:
input without pull-up.
Pull-up is enabled if bit
SHUB_PU_EN = 1 in
reg 14h in sensor hub
registers (see Note to
enable pull-up).
Default:
input without pull-up.
Pull-up is enabled if bit
SHUB_PU_EN = 1 in
reg 14h in sensor hub
registers (see Note to
enable pull-up).
Default:
input without pull-up.
Pull-up is enabled if bit
SHUB_PU_EN = 1 in
reg 14h in sensor hub
registers (see Note to
enable pull-up)
4
INT1
Programmable
interrupt 1 / If device
is used as MIPI
I3CSM pure slave, this
pin must be set to ‘1’.
Programmable
interrupt 1 / If device
is used as MIPI
I3CSM pure slave, this
pin must be set to ‘1’.
Programmable
interrupt 1 / If device is
used as MIPI I3CSM
pure slave, this pin
must be set to ‘1’.
Default:
input with pull-down(2)
Default:
input with pull-down(2)
Default:
input with pull-down(2)
5
VDDIO
Power supply
for I/O pins
Power supply
for I/O pins
Power supply
for I/O pins
6
GND
0 V supply
0 V supply
0 V supply
7
GND
0 V supply
0 V supply
0 V supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com