Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSTX Datasheet(PDF) 158 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 158 Page - STMicroelectronics

Back Button LSM6DSTX Datasheet HTML 154Page - STMicroelectronics LSM6DSTX Datasheet HTML 155Page - STMicroelectronics LSM6DSTX Datasheet HTML 156Page - STMicroelectronics LSM6DSTX Datasheet HTML 157Page - STMicroelectronics LSM6DSTX Datasheet HTML 158Page - STMicroelectronics LSM6DSTX Datasheet HTML 159Page - STMicroelectronics LSM6DSTX Datasheet HTML 160Page - STMicroelectronics LSM6DSTX Datasheet HTML 161Page - STMicroelectronics LSM6DSTX Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 175 page
background image
6.4
Block diagram of filters ......................................................... 29
6.4.1
Block diagrams of the accelerometer filters.................................... 29
6.4.2
Block diagrams of the gyroscope filters ....................................... 32
6.5
OIS ......................................................................... 34
6.5.1
Enabling OIS functionality and connection schemes ............................. 34
6.6
FIFO ........................................................................ 38
6.6.1
Bypass mode .......................................................... 38
6.6.2
FIFO mode ............................................................ 39
6.6.3
Continuous mode ....................................................... 39
6.6.4
Continuous-to-FIFO mode................................................. 39
6.6.5
Bypass-to-continuous mode ............................................... 39
6.6.6
Bypass-to-FIFO mode.................................................... 40
6.6.7
FIFO reading procedure .................................................. 40
7
Application hints .................................................................41
7.1
LSM6DSTX electrical connections in mode 1 ...................................... 41
7.2
LSM6DSTX electrical connections in mode 2 ...................................... 42
7.3
LSM6DSTX electrical connections in mode 3 and mode 4 ........................... 43
8
Register mapping.................................................................46
9
Register description ..............................................................49
9.1
FUNC_CFG_ACCESS (01h) .................................................... 49
9.2
PIN_CTRL (02h) .............................................................. 50
9.3
FIFO_CTRL1 (07h) ............................................................ 50
9.4
FIFO_CTRL2 (08h) ............................................................ 51
9.5
FIFO_CTRL3 (09h) ............................................................ 52
9.6
FIFO_CTRL4 (0Ah)............................................................ 53
9.7
COUNTER_BDR_REG1 (0Bh) .................................................. 54
9.8
COUNTER_BDR_REG2 (0Ch) .................................................. 54
9.9
INT1_CTRL (0Dh) ............................................................. 55
9.10
INT2_CTRL (0Eh) ............................................................. 55
9.11
WHO_AM_I (0Fh) ............................................................. 56
9.12
CTRL1_XL (10h) .............................................................. 56
9.13
CTRL2_G (11h) ............................................................... 57
9.14
CTRL3_C (12h) ............................................................... 58
9.15
CTRL4_C (13h) ............................................................... 59
9.16
CTRL5_C (14h) ............................................................... 60
9.17
CTRL6_C (15h) ............................................................... 61
LSM6DSTX
Contents
DS14039 - Rev 1
page 158/175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com