Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSTX Datasheet(PDF) 161 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 161 Page - STMicroelectronics

Back Button LSM6DSTX Datasheet HTML 157Page - STMicroelectronics LSM6DSTX Datasheet HTML 158Page - STMicroelectronics LSM6DSTX Datasheet HTML 159Page - STMicroelectronics LSM6DSTX Datasheet HTML 160Page - STMicroelectronics LSM6DSTX Datasheet HTML 161Page - STMicroelectronics LSM6DSTX Datasheet HTML 162Page - STMicroelectronics LSM6DSTX Datasheet HTML 163Page - STMicroelectronics LSM6DSTX Datasheet HTML 164Page - STMicroelectronics LSM6DSTX Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 175 page
background image
13.1
PAGE_SEL (02h) ............................................................101
13.2
EMB_FUNC_EN_A (04h)......................................................101
13.3
EMB_FUNC_EN_B (05h)......................................................102
13.4
PAGE_ADDRESS (08h) .......................................................102
13.5
PAGE_VALUE (09h) ..........................................................102
13.6
EMB_FUNC_INT1 (0Ah) ......................................................103
13.7
FSM_INT1_A (0Bh) ..........................................................104
13.8
FSM_INT1_B (0Ch) ..........................................................105
13.9
MLC_INT1 (0Dh) .............................................................106
13.10 EMB_FUNC_INT2 (0Eh) ......................................................107
13.11 FSM_INT2_A (0Fh)...........................................................108
13.12 FSM_INT2_B (10h)...........................................................109
13.13 MLC_INT2 (11h) ............................................................. 110
13.14 EMB_FUNC_STATUS (12h) ................................................... 110
13.15 FSM_STATUS_A (13h)........................................................ 111
13.16 FSM_STATUS_B (14h)........................................................ 111
13.17 MLC_STATUS (15h) .......................................................... 112
13.18 PAGE_RW (17h) ............................................................. 112
13.19 EMB_FUNC_FIFO_CFG (44h) ................................................. 113
13.20 FSM_ENABLE_A (46h) ....................................................... 113
13.21 FSM_ENABLE_B (47h) ....................................................... 113
13.22 FSM_LONG_COUNTER_L (48h) and FSM_LONG_COUNTER_H (49h) .............. 114
13.23 FSM_LONG_COUNTER_CLEAR (4Ah) ......................................... 114
13.24 FSM_OUTS1 (4Ch) .......................................................... 114
13.25 FSM_OUTS2 (4Dh) .......................................................... 115
13.26 FSM_OUTS3 (4Eh)........................................................... 115
13.27 FSM_OUTS4 (4Fh)........................................................... 116
13.28 FSM_OUTS5 (50h) ........................................................... 116
13.29 FSM_OUTS6 (51h) ........................................................... 117
13.30 FSM_OUTS7 (52h) ........................................................... 117
13.31 FSM_OUTS8 (53h) ........................................................... 118
13.32 FSM_OUTS9 (54h) ........................................................... 118
13.33 FSM_OUTS10 (55h).......................................................... 119
13.34 FSM_OUTS11 (56h) .......................................................... 119
13.35 FSM_OUTS12 (57h)..........................................................120
13.36 FSM_OUTS13 (58h)..........................................................120
LSM6DSTX
Contents
DS14039 - Rev 1
page 161/175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com