Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSTX Datasheet(PDF) 159 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 159 Page - STMicroelectronics

Back Button LSM6DSTX Datasheet HTML 155Page - STMicroelectronics LSM6DSTX Datasheet HTML 156Page - STMicroelectronics LSM6DSTX Datasheet HTML 157Page - STMicroelectronics LSM6DSTX Datasheet HTML 158Page - STMicroelectronics LSM6DSTX Datasheet HTML 159Page - STMicroelectronics LSM6DSTX Datasheet HTML 160Page - STMicroelectronics LSM6DSTX Datasheet HTML 161Page - STMicroelectronics LSM6DSTX Datasheet HTML 162Page - STMicroelectronics LSM6DSTX Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 175 page
background image
9.18
CTRL7_G (16h)............................................................... 62
9.19
CTRL8_XL (17h) .............................................................. 63
9.20
CTRL9_XL (18h) .............................................................. 65
9.21
CTRL10_C (19h) .............................................................. 65
9.22
ALL_INT_SRC (1Ah) .......................................................... 66
9.23
WAKE_UP_SRC (1Bh)......................................................... 66
9.24
TAP_SRC (1Ch) .............................................................. 67
9.25
D6D_SRC (1Dh) .............................................................. 67
9.26
STATUS_REG (1Eh)........................................................... 68
9.27
OUT_TEMP_L (20h), OUT_TEMP_H (21h)........................................ 68
9.28
OUTX_L_G (22h) and OUTX_H_G (23h) ......................................... 68
9.29
OUTY_L_G (24h) and OUTY_H_G (25h) ......................................... 69
9.30
OUTZ_L_G (26h) and OUTZ_H_G (27h).......................................... 69
9.31
OUTX_L_A (28h) and OUTX_H_A (29h) .......................................... 69
9.32
OUTY_L_A (2Ah) and OUTY_H_A (2Bh) ......................................... 70
9.33
OUTZ_L_A (2Ch) and OUTZ_H_A (2Dh) ......................................... 70
9.34
EMB_FUNC_STATUS_MAINPAGE (35h) ......................................... 70
9.35
FSM_STATUS_A_MAINPAGE (36h) ............................................. 71
9.36
FSM_STATUS_B_MAINPAGE (37h) ............................................. 71
9.37
MLC_STATUS_MAINPAGE (38h)................................................ 72
9.38
STATUS_MASTER_MAINPAGE (39h) ............................................ 72
9.39
FIFO_STATUS1 (3Ah) ......................................................... 72
9.40
FIFO_STATUS2 (3Bh) ......................................................... 73
9.41
TIMESTAMP0 (40h), TIMESTAMP1 (41h), TIMESTAMP2 (42h), and TIMESTAMP3 (43h) 73
9.42
UI_STATUS_REG_OIS (49h) ................................................... 74
9.43
UI_OUTX_L_G_OIS (4Ah) and UI_OUTX_H_G_OIS (4Bh) .......................... 74
9.44
UI_OUTY_L_G_OIS (4Ch) and UI_OUTY_H_G_OIS (4Dh) .......................... 74
9.45
UI_OUTZ_L_G_OIS (4Eh) and UI_OUTZ_H_G_OIS (4Fh) .......................... 75
9.46
UI_OUTX_L_A_OIS (50h) and UI_OUTX_H_A_OIS (51h) ........................... 75
9.47
UI_OUTY_L_A_OIS (52h) and UI_OUTY_H_A_OIS (53h) ........................... 75
9.48
UI_OUTZ_L_A_OIS (54h) and UI_OUTZ_H_A_OIS (55h) ........................... 76
9.49
TAP_CFG0 (56h).............................................................. 76
9.50
TAP_CFG1 (57h).............................................................. 77
9.51
TAP_CFG2 (58h).............................................................. 77
9.52
TAP_THS_6D (59h) ........................................................... 78
9.53
INT_DUR2 (5Ah) .............................................................. 78
LSM6DSTX
Contents
DS14039 - Rev 1
page 159/175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com