Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSTX Datasheet(PDF) 160 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 160 Page - STMicroelectronics

Back Button LSM6DSTX Datasheet HTML 156Page - STMicroelectronics LSM6DSTX Datasheet HTML 157Page - STMicroelectronics LSM6DSTX Datasheet HTML 158Page - STMicroelectronics LSM6DSTX Datasheet HTML 159Page - STMicroelectronics LSM6DSTX Datasheet HTML 160Page - STMicroelectronics LSM6DSTX Datasheet HTML 161Page - STMicroelectronics LSM6DSTX Datasheet HTML 162Page - STMicroelectronics LSM6DSTX Datasheet HTML 163Page - STMicroelectronics LSM6DSTX Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 175 page
background image
9.54
WAKE_UP_THS (5Bh) ......................................................... 79
9.55
WAKE_UP_DUR (5Ch) ........................................................ 79
9.56
FREE_FALL (5Dh) ............................................................ 80
9.57
MD1_CFG (5Eh) .............................................................. 81
9.58
MD2_CFG (5Fh) .............................................................. 82
9.59
I3C_BUS_AVB (62h)........................................................... 83
9.60
INTERNAL_FREQ_FINE (63h) .................................................. 83
9.61
UI_INT_OIS (6Fh) ............................................................. 84
9.62
UI_CTRL1_OIS (70h) .......................................................... 85
9.63
UI_CTRL2_OIS (71h) .......................................................... 86
9.64
UI_CTRL3_OIS (72h) .......................................................... 87
9.65
X_OFS_USR (73h) ............................................................ 88
9.66
Y_OFS_USR (74h) ............................................................ 88
9.67
Z_OFS_USR (75h) ............................................................ 88
9.68
FIFO_DATA_OUT_TAG (78h) ................................................... 89
9.69
FIFO_DATA_OUT_X_L (79h) and FIFO_DATA_OUT_X_H (7Ah) ..................... 90
9.70
FIFO_DATA_OUT_Y_L (7Bh) and FIFO_DATA_OUT_Y_H (7Ch) ..................... 90
9.71
FIFO_DATA_OUT_Z_L (7Dh) and FIFO_DATA_OUT_Z_H (7Eh) ..................... 90
10
SPI2 register mapping ............................................................91
11
SPI2 register description..........................................................92
11.1
SPI2_WHO_AM_I (0Fh)........................................................ 92
11.2
SPI2_STATUS_REG_OIS (1Eh) ................................................. 92
11.3
SPI2_OUT_TEMP_L (20h) and SPI2_OUT_TEMP_H (21h).......................... 92
11.4
SPI2_OUTX_L_G_OIS (22h) and SPI2_OUTX_H_G_OIS (23h) ...................... 93
11.5
SPI2_OUTY_L_G_OIS (24h) and SPI2_OUTY_H_G_OIS (25h) ...................... 93
11.6
SPI2_OUTZ_L_G_OIS (26h) and SPI2_OUTZ_H_G_OIS (27h) ...................... 93
11.7
SPI2_OUTX_L_A_OIS (28h) and SPI2_OUTX_H_A_OIS (29h) ...................... 94
11.8
SPI2_OUTY_L_A_OIS (2Ah) and SPI2_OUTY_H_A_OIS (2Bh) ...................... 94
11.9
SPI2_OUTZ_L_A_OIS (2Ch) and SPI2_OUTZ_H_A_OIS (2Dh) ...................... 94
11.10 SPI2_INT_OIS (6Fh) .......................................................... 95
11.11 SPI2_CTRL1_OIS (70h)........................................................ 96
11.12 SPI2_CTRL2_OIS (71h)........................................................ 97
11.13 SPI2_CTRL3_OIS (72h)........................................................ 98
12
Embedded functions register mapping ............................................99
13
Embedded functions register description ....................................... 101
LSM6DSTX
Contents
DS14039 - Rev 1
page 160/175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com