Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSTX Datasheet(PDF) 162 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 162 Page - STMicroelectronics

Back Button LSM6DSTX Datasheet HTML 158Page - STMicroelectronics LSM6DSTX Datasheet HTML 159Page - STMicroelectronics LSM6DSTX Datasheet HTML 160Page - STMicroelectronics LSM6DSTX Datasheet HTML 161Page - STMicroelectronics LSM6DSTX Datasheet HTML 162Page - STMicroelectronics LSM6DSTX Datasheet HTML 163Page - STMicroelectronics LSM6DSTX Datasheet HTML 164Page - STMicroelectronics LSM6DSTX Datasheet HTML 165Page - STMicroelectronics LSM6DSTX Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 175 page
background image
13.37 FSM_OUTS14 (59h)..........................................................121
13.38 FSM_OUTS15 (5Ah) .........................................................121
13.39 FSM_OUTS16 (5Bh) .........................................................122
13.40 EMB_FUNC_ODR_CFG_B (5Fh) ...............................................122
13.41 EMB_FUNC_ODR_CFG_C (60h)...............................................123
13.42 STEP_COUNTER_L (62h) and STEP_COUNTER_H (63h) .........................123
13.43 EMB_FUNC_SRC (64h).......................................................124
13.44 EMB_FUNC_INIT_A (66h).....................................................124
13.45 EMB_FUNC_INIT_B (67h).....................................................125
13.46 MLC0_SRC (70h) ............................................................125
13.47 MLC1_SRC (71h) ............................................................125
13.48 MLC2_SRC (72h) ............................................................125
13.49 MLC3_SRC (73h) ............................................................126
13.50 MLC4_SRC (74h) ............................................................126
13.51 MLC5_SRC (75h) ............................................................126
13.52 MLC6_SRC (76h) ............................................................126
13.53 MLC7_SRC (77h) ............................................................127
14
Embedded advanced features pages ............................................ 128
15
Embedded advanced features register description .............................. 130
15.1
Page 0 - embedded advanced features registers ..................................130
15.1.1
MAG_SENSITIVITY_L (BAh) and MAG_SENSITIVITY_H (BBh) .................. 130
15.1.2
MAG_OFFX_L (C0h) and MAG_OFFX_H (C1h)............................... 130
15.1.3
MAG_OFFY_L (C2h) and MAG_OFFY_H (C3h)............................... 131
15.1.4
MAG_OFFZ_L (C4h) and MAG_OFFZ_H (C5h) ............................... 131
15.1.5
MAG_SI_XX_L (C6h) and MAG_SI_XX_H (C7h) .............................. 132
15.1.6
MAG_SI_XY_L (C8h) and MAG_SI_XY_H (C9h) .............................. 132
15.1.7
MAG_SI_XZ_L (CAh) and MAG_SI_XZ_H (CBh) .............................. 133
15.1.8
MAG_SI_YY_L (CCh) and MAG_SI_YY_H (CDh) ............................. 133
15.1.9
MAG_SI_YZ_L (CEh) and MAG_SI_YZ_H (CFh) .............................. 134
15.1.10 MAG_SI_ZZ_L (D0h) and MAG_SI_ZZ_H (D1h) .............................. 134
15.1.11 MAG_CFG_A (D4h) .................................................... 135
15.1.12 MAG_CFG_B (D5h) .................................................... 135
15.2
Page 1 - embedded advanced features registers ..................................136
15.2.1
FSM_LC_TIMEOUT_L (7Ah) and FSM_LC_TIMEOUT_H (7Bh)................... 136
15.2.2
FSM_PROGRAMS (7Ch) ................................................ 136
15.2.3
FSM_START_ADD_L (7Eh) and FSM_START_ADD_H (7Fh) .................... 137
15.2.4
PEDO_CMD_REG (83h)................................................. 137
LSM6DSTX
Contents
DS14039 - Rev 1
page 162/175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com