Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600-ASOT Datasheet(PDF) 6 Page - OSRAM GmbH

Part # AS5600-ASOT
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600-ASOT Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button AS5600-ASOT Datasheet HTML 2Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 3Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 4Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 5Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 6Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 7Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 8Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 9Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ams Datasheet
Page 5
[v1-06] 2018-Jun-20
Document Feedback
AS5600 − Electrical Characteristics
All limits are guaranteed. The parameters with minimum and
maximum values are guaranteed with production tests or SQC
(Statistical Quality Control) methods.
Operating Conditions
Figure 6:
System Electrical Characteristics and Temperature Range
Note(s):
1. For typical magnetic field (60mT ) excluding current delivered to the external load and tolerance on polling times.
2. For OTP burn procedure the supply line source resistance should not exceed 1Ohm.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD5V
Positive supply voltage in
5.0V mode
5.0V operation mode
4.5
5.0
5.5
V
During OTP burn procedure (2)
VDD3V3
Positive supply voltage in
3.3V mode
3.3V operation mode
3.0
3.3
3.6
V
During OTP burn procedure (2)
3.25
3.3
3.35
V
IDD
Supply current in NOM (1)
PM = 00
Always on
6.5
mA
lDD_LPM1
Supply current in LPM1 (1)
PM = 01
Polling time = 5ms
3.4
mA
lDD_ LPM2
Supply current in LPM2 (1)
PM = 10
Polling time = 20ms
1.8
mA
lDD_ LPM3
Supply current in LPM3 (1)
PM = 11
Polling time = 100ms
1.5
mA
IDD_BURN
Supply current per bit for
burn procedure
Initial peak, 1 μs
100
mA
Steady burning,<30 μs
40
mA
TA
Operating temperature
-40
125
°C
TP
Programming
temperature
20
30
°C
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com