Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600-ASOT Datasheet(PDF) 24 Page - OSRAM GmbH

Part # AS5600-ASOT
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600-ASOT Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button AS5600-ASOT Datasheet HTML 20Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 21Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 22Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 23Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 24Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 25Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 26Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 27Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
ams Datasheet
Page 23
[v1-06] 2018-Jun-20
Document Feedback
AS5600 − Register Description
Figure 25:
Option B: Angle Programming Through the OUT Pin
Note(s):
1. After step 5 the new setting is effective at the output.
2. If step 3 is not followed by step 5 no permanent write will be performed.
3. It is highly recommended to perform a functional test after the procedure.
4. This procedure can be executed only one time; the zero position and maximum angle can be reprogrammed only through the I²C
(Option A).
5. This procedure can be executed only if the presence of the magnet is detected (MD = 1).
Use the correct hardware configuration shown in Figure 37 and Figure 38. The PGO pin is connected to GND
and the OUT pin is pulled high by an internal resistor until the programming procedure is finished.
Step 1
Power up the AS5600.
Step 2
Position the magnet in the start position.
Step 3
Pull the OUT pin to GND for at least 100 ms, then allow the pin to float.
Step 4
Rotate the magnet in the same direction defined by the level on the DIR pin (GND for clockwise,
VDD for counterclockwise) to the stop position. The amount of rotation must be greater than
18 degrees.
Step 5
Pull the OUT pin to GND for at least 100 ms, then allow the pin to float.
Step 6
Check if the OUT pin is permanently driven to GND. This indicates an error occurred during
programming. If the voltage driven on the OUT pin corresponds to the magnet position, the
procedure was performed successfully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com