Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600-ASOT Datasheet(PDF) 4 Page - OSRAM GmbH

Part # AS5600-ASOT
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600-ASOT Datasheet(HTML) 4 Page - OSRAM GmbH

  AS5600-ASOT Datasheet HTML 1Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 2Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 3Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 4Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 5Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 6Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 7Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 8Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ams Datasheet
Page 3
[v1-06] 2018-Jun-20
Document Feedback
AS5600 − Pin Assignments
Figure 3:
SOIC-8 Pin-Out
Figure 4:
Pin Description
Pin Number
Name
Type
Description
1
VDD5V
Supply
Positive voltage supply in 5V mode (requires 100nF
decoupling capacitor)
2
VDD3V3
Supply
Positive voltage supply in 3.3V mode (requires an
external 1-μF decoupling capacitor in 5V mode)
3
OUT
Analog/digital output
Analog/PWM output
4
GND
Supply
Ground
5PGO
Digital input
Program option (internal pull-up, connected to
GND = Programming Option B)
6
SDA
Digital input/output
I²C Data (consider external pull-up)
7
SCL
Digital input
I²C Clock (consider external pull-up)
8DIR
Digital input
Direction polarity (GND = values increase clockwise,
VDD = values increase counterclockwise)
Pin Assignments
2
3
4
5
6
7
8
1
VDD3V3
OUT
GND
VDD5V
PGO
SDA
SCL
DIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com