Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600-ASOT Datasheet(PDF) 5 Page - OSRAM GmbH

Part # AS5600-ASOT
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600-ASOT Datasheet(HTML) 5 Page - OSRAM GmbH

  AS5600-ASOT Datasheet HTML 1Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 2Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 3Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 4Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 5Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 6Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 7Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 8Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-06] 2018-Jun-20
AS5600 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Operating
Conditions is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD5V
DC Supply Voltage at VDD5V
pin
-0.3
6.1
V
VDD3V3
DC Supply Voltage at
VDD3V3 pin
-0.3
4.0
V
VIO
DC Supply Voltage at all
digital or analog pins
-0.3
VDD+0.3
V
ISCR
Input current (latch-up
immunity)
-100
100
mA
JESD78
Continuous Power Dissipation (TA = 70°C)
PT
Continuous power
dissipation
50
mW
Electrostatic Discharge
ESDHBM
Electrostatic discharge HBM
±1
kV
MIL 883 E method 3015.7
Temperature Ranges and Storage Conditions
TSTRG
Storage temperature range
-55
125
°C
TBODY
Package body temperature
260
°C
ICP/JEDEC J-STD-020
The reflow peak soldering
temperature (body temperature) is
specified according to IPC/JEDEC
J-STD-020 “Moisture/Reflow
Sensitivity Classification for
Non-hermetic Solid State Surface
Mount Devices.” The lead finish for
Pb-free leaded packages is “Matte
Tin” (100% Sn)
RHNC
Relative humidity
(non-condensing)
585
%
MSL
Moisture sensitivity level
3
ICP/JEDEC J-STD-033
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com